Electronic Components Datasheet Search
  English  ▼

X  

TM8705 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TM8705
Description  High-Performance 4-Bit Microcomputer with LCD/LED Driver.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM8705 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TM8705 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TM8705
7
tenx technology, inc.
Rev 1.3
03/12/01
ALLOWABLE OPERATING CONDITIONS
at Ta=-20℃ to 70℃,GND= 0V
Name
Symb.
Condition
Min.
Max.
Unit
VDD1
1.2
5.25
V
VDD2
2.4
5.25
V
Supply Voltage
VDD3
2.4
8.0
V
Oscillator Start-Up
Voltage
VDDB
Crystal Mode
1.3
V
Oscillator Sustain
Voltage
VDDB
Crystal Mode
1.2
V
Supply Voltage
VDD1
Ag Mode
1.2
1.65
V
Supply Voltage
VDD2
EXT-V, Li Mode
2.4
5.25
V
Input “H” Voltage
Vih1
VDD1-0.7 VDD1+0.7
V
Input “L” Voltage
Vil1
Ag Battery Mode
-0.7
0.7
V
Input “H” Voltage
Vih2
VDD2-0.7 VDD2+0.7
V
Input “L” Voltage
Vil2
Li Battery Mode
-0.7
0.7
V
Input “H” Voltage
Vih3
0.8xVDD1
VDD1
V
Input “L” Voltage
Vil3
OSCIN at Ag
Battery Mode
0
0.2xVDD1
V
Input “H” Voltage
Vih4
0.8xVDD2
VDD2
V
Input “L” Voltage
Vil4
OSCIN at Li Battery
Mode
0
0.2xVDD2
V
Input “H” Voltage
Vih5
0.8xVDD2
VDD2
V
Input “L” Voltage
Vil5
CFIN at Li Battery
or EXT-V Mode
0
0.2xVDD2
V
Input “H” Voltage
Vih6
0.8xVDDO
VDDO
V
Input “L” Voltage
Vil6
RC Mode
0
0.2xVDDO
V
Fopg1
Crystal Mode
32
KHZ
Fopg2
RC Mode
10
1000
KHZ
Operating Freq
Fopg3
CF Mode
1000
3580
KHz
INTERNAL RC FREQUENCY RANGE
Option Mode
BAK
Min.
Typ.
Max.
1.2V~1.5V
300KHz
350KHz
400KHz
250KHz
2.4V~5.0V
200KHz
250KHz
300KHz
1.2V~1.5V
550KHz
650KHz
750KHz
500KHz
2.4V~5.0V
400KHz
500KHz
600KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com