Electronic Components Datasheet Search
  English  ▼

X  

TM8705 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TM8705
Description  High-Performance 4-Bit Microcomputer with LCD/LED Driver.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM8705 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TM8705 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TM8705
8
tenx technology, inc.
Rev 1.3
03/12/01
ELECTRICAL CHARACTERISTICS
at#1:VDD1=1.2V(Ag);
at#2:VDD2=2.4V(Li):
at#3:VDD2=4V(Ext-V);
Input Resistance
Name
Symb.
Condition
Min.
Typ.
Max.
Unit
Rllh1
Vi=0.2VDD1,#1
10
40
100
Kohm
Rllh2
Vi=0.2VDD2,#2
10
40
100
Kohm
“L” Level Hold Tr(IOC)
Rllh3
Vi=0.2VDD2,#3
5
20
50
Kohm
Rmad1
Vi=VDD1,#1
200
500
1000
Kohm
Rmad2
Vi=VDD2,#2
200
500
1000
Kohm
IOC Pull-Down Tr
Rmad3
Vi=VDD2,#3
100
250
500
Kohm
Rintu1
Vi=VDD1,#1
200
500
1000
Kohm
Rintu2
Vi=VDD2,#2
200
500
1000
Kohm
INT Pull-up Tr
Rintu3
Vi=VDD2,#3
100
250
500
Kohm
Rintd1
Vi=GND,#1
200
500
1000
Kohm
Rintd2
Vi=GND,#2
200
500
1000
Kohm
INT Pull-Down Tr
Rintd3
Vi=GND,#3
100
250
500
Kohm
Rres1
Vi=GND or VDD1,#1
5
20
50
Kohm
Rres2
Vi=GND or VDD2,#2
5
20
50
Kohm
RES Pull-Down R
Rres3
Vi=GND or VDD2,#3
5
20
50
Kohm
DC Output Characteristics
Name
Symb.
Condition
Port
Min.
Typ.
Max.
Unit
Voh1c Ioh=-200uA,#1
0.8
0.9
1.0
V
Voh2c Ioh=-1mA,#2
1.5
1.8
2.1
V
Output ”H” Voltage
Voh3c Ioh=-3mA,#3
2.5
3.0
3.5
V
Vol1c
Iol=400uA,#1
0.2
0.3
0.4
V
Vol2c
Iol=2mA,#2
0.3
0.6
0.9
V
Output ”L” Voltage
Vol3c
Iol=6mA,#3
COM5~6
SEG1~40
0.5
1.0
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com