Electronic Components Datasheet Search
  English  ▼

X  

TM8705 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TM8705
Description  High-Performance 4-Bit Microcomputer with LCD/LED Driver.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM8705 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TM8705 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8705 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tenx technology
TM8705
4 Bit Microcontroller
1
tenx technology, inc.
Rev 1.3
03/12/01
GENERAL DESCRIPTION
The TM8705 is an embedded high-performance 4-bit microcomputer with LCD/LED driver.
It contains all the necessary functions, such as 4-bit parallel processing ALU, ROM, RAM,
I/O ports, timer, clock generator, dual clock operation, Resistance to Frequency
Converter(RFC), EL panel driver, LCD driver, look-up table, watchdog timer and key matrix
scanning circuitry in a signal chip.
FEATURE
1.
Low power dissipation.
2.
Powerful instruction set (178 instructions).
Binary addition, subtraction, BCD adjust, logical operation in direct and index
addressing mode.
Single-bit manipulation (set, reset, decision for branch).
Various conditional branch.
16 working registers and manipulation.
Table look-up.
LCD driver data transfer.
3.
Memory capacity.
ROM capacity
3072
x 16 bits.
RAM capacity
384
x 4 bits.
4.
LCD driver output.
6 common outputs and 40 segment outputs (up to drive 240 LCD segments).
1/2 Duty, 1/3 Duty, 1/4 Duty,1/5 Duty or 1/6Duty is selected by MASK option.
1/2 Bias or 1/3 Bias is selected by MASK option.
Single instruction to turn off all segments.
COM5~6,SEG1~40 could be defined as CMOS or P_open drain type output by
mask option.
5.
Input/output ports.
Port IOA
4 pins (with internal pull-low), muxed with SEG24~SEG27.
Port IOB
4 pins (with internal pull-low). muxed with SEG28~SEG31
Port IOC
4 pins (with internal pull-low, low-level-hold), muxed with SEG32 ~
SEG35.
IOC port had built in the input signal chattering prevention circuitry.
Port IOD
4 pins (with internal pull-low), muxed with SEG36 ~ SEG39.
IOD port had built in the input signal chattering prevention circuitry.
6.
8 level subroutine nesting.
7.
Interrupt function.


Similar Part No. - TM8705

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
TM8706 ETC1-TM8706 Datasheet
108Kb / 12P
The TM8706 is an embedded high-performance 4-bit microcomputer with LCD LED driver
More results

Similar Description - TM8705

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
4-Bit Microcomputer with LCD Driver
LC5732N SANYO-LC5732N Datasheet
309Kb / 12P
4-Bit Microcomputer with LCD Driver?
LC573404A SANYO-LC573404A Datasheet
612Kb / 30P
4-Bit Single Chip Microcomputer with LCD Driver?
LC5812 SANYO-LC5812 Datasheet
483Kb / 24P
4-Bit Microcomputer with Internal LCD Driver?
logo
Sharp Corporation
SK5L1 SHARP-SK5L1 Datasheet
234Kb / 7P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM3905 SHARP-SM3905 Datasheet
215Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM563 SHARP-SM563 Datasheet
196Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM565 SHARP-SM565 Datasheet
222Kb / 6P
4-Bit Single-Chip Microcomputer(LCD Driver)
SM5M2 SHARP-SM5M2 Datasheet
253Kb / 28P
4-Bit Single-Chip Microcomputer(LCD Driver)
logo
List of Unclassifed Man...
TM8706 ETC1-TM8706 Datasheet
108Kb / 12P
The TM8706 is an embedded high-performance 4-bit microcomputer with LCD LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com