Electronic Components Datasheet Search
  English  ▼

X  

AD8225 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8225 Datasheet HTML 3Page - Analog Devices AD8225 Datasheet HTML 4Page - Analog Devices AD8225 Datasheet HTML 5Page - Analog Devices AD8225 Datasheet HTML 6Page - Analog Devices AD8225 Datasheet HTML 7Page - Analog Devices AD8225 Datasheet HTML 8Page - Analog Devices AD8225 Datasheet HTML 9Page - Analog Devices AD8225 Datasheet HTML 10Page - Analog Devices AD8225 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. A
AD8225
–7–
FREQUENCY – Hz
1000
100
0
1
10k
10
100
1k
TPC 7. Input Current Noise Spectral Density vs.
Frequency
100
90
10
0
1S
10
TIME – sec
5
0
4
–4
–3
–2
–1
2
0
1
3
TPC 8. 0.1 Hz to 10 Hz Voltage Noise, RTI
100
90
10
0
10
TIME – sec
5
0
–6
–4
–2
0
2
8
4
6
–8
1S
TPC 9. 0.1 Hz to 10 Hz Current Noise
FREQUENCY – Hz
130
110
30
1
100k
10
100
1k
10k
90
70
50
120
100
80
60
40
TPC 10. CMR vs. Frequency, RTI
TEMPERATURE – C
0.10
–0.10
–40
100
–20
020
40
60
80
0.08
–0.02
–0.04
–0.06
–0.08
0.04
0
0.06
0.02
TPC 11. CM
RR vs. Temperature
OUTPUT VOLTAGE – V
15
–15
–15
15
–10
–5
0
5
10
10
5
0
–5
–10
VS = 15V
VS = 5V
TPC 12. CMV Range vs. VOUT, Dual Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com