Electronic Components Datasheet Search
  English  ▼

X  

AD8225 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 1 Page - Analog Devices

  AD8225 Datasheet HTML 1Page - Analog Devices AD8225 Datasheet HTML 2Page - Analog Devices AD8225 Datasheet HTML 3Page - Analog Devices AD8225 Datasheet HTML 4Page - Analog Devices AD8225 Datasheet HTML 5Page - Analog Devices AD8225 Datasheet HTML 6Page - Analog Devices AD8225 Datasheet HTML 7Page - Analog Devices AD8225 Datasheet HTML 8Page - Analog Devices AD8225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD8225
Precision Gain of 5
Instrumentation Amplifier
FEATURES
No External Components Required
Highly Stable, Factory Trimmed Gain of 5
Low Power, 1.2 mA Max Supply Current
Wide Power Supply Range ( 1.7 V to
18 V)
Single- and Dual-Supply Operation
Excellent Dynamic Performance
High CMRR
86 dB Min @ DC
80 dB Min to 10 kHz
Wide Bandwidth
900 kHz
4 V to 36 V Single Supply
High Slew Rate
5 V/ s Min
Outstanding DC Precision
Low Gain Drift
5 ppm/ C Max
Low Input Offset Voltage
150
V Max
Low Offset Drift
2
V/ C Max
Low Input Bias Current
1.2 nA Max
APPLICATIONS
Patient Monitors
Current Transmitters
Multiplexed Systems
4 to 20 mA Converters
Bridge Transducers
Sensor Signal Conditioning
FUNCTIONAL BLOCK DIAGRAM
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
–IN
+IN
–VS
NC
+VS
VOUT
REF
AD8225
GENERAL DESCRIPTION
The AD8225 is an instrumentation amplifier with a fixed gain
of 5
, which sets new standards of performance. The superior
CMRR of the AD8225 enables rejection of high frequency
common-mode voltage (80 dB Min @ 10 kHz). As a result,
higher ambient levels of noise from utility lines, industrial
equipment, and other radiating sources are rejected. Extended
CMV range enables the AD8225 to extract low level differential
signals in the presence of high common-mode dc voltage levels
even at low supply voltages.
Ambient electrical noise from utility lines is present at 60 Hz
and harmonic frequencies. Power systems operating at 400 Hz
create high noise environments in aircraft instrument clusters.
Good CMRR performance over frequency is necessary if power
system generated noise is to be rejected. The dc to 10 kHz
FREQUENCY – Hz
140
1
100k
10
100
1k
10k
130
120
110
100
90
80
70
60
50
40
30
HIGH PERFORMANCE IN AMP
@ GAIN OF 5
AD8225
Figure 1. Typical CMRR vs. Frequency
CMRR performance of the AD8225 rejects noise from utility
systems, motors, and repair equipment on factory floors, switch-
ing power supplies, and medical equipment.
Low input bias currents combined with a high slew rate of 5 V/
µs
make the AD8225 ideally suited for multiplexed applications.
The AD8225 provides excellent dc precision, with maximum
input offset voltage of 150
µV and drift of 2 µV/°C. Gain drift is
5ppm/
°C or less.
Operating on either single or dual supplies, the fixed gain of 5
and wide input common-mode voltage range make the AD8225
well suited for patient monitoring applications.
The AD8225 is packaged in an 8-lead SOIC package and is
specified over the standard industrial temperature range, –40
°C
to +85
°C.


Similar Part No. - AD8225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
Precision Gain of 5 Instrumentation Amplifier
REV. A
More results

Similar Description - AD8225

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Linear Technology
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD8228 AD-AD8228 Datasheet
581Kb / 24P
Low Gain Drift Precision Instrumentation Amplifier
REV. 0
AD8225 AD-AD8225_15 Datasheet
377Kb / 16P
Precision Gain of 5 Instrumentation Amplifier
REV. A
logo
Linear Technology
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
logo
Analog Devices
AD8225 AD-AD8225_16 Datasheet
364Kb / 17P
Precision Gain of 5 Instrumentation Amplifier
REV. A
AD8228 AD-AD8228_16 Datasheet
550Kb / 25P
Low Gain Drift Precision Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com