Electronic Components Datasheet Search
  English  ▼

X  

AD8225 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8225 Datasheet HTML 8Page - Analog Devices AD8225 Datasheet HTML 9Page - Analog Devices AD8225 Datasheet HTML 10Page - Analog Devices AD8225 Datasheet HTML 11Page - Analog Devices AD8225 Datasheet HTML 12Page - Analog Devices AD8225 Datasheet HTML 13Page - Analog Devices AD8225 Datasheet HTML 14Page - Analog Devices AD8225 Datasheet HTML 15Page - Analog Devices AD8225 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
AD8225
–13–
In the classical three op amp in amp topology shown in Figure 8,
gain is developed differentially between the two input amplifiers
A1 and A2, sacrificing CMV (common-mode voltage) range.
The gain of the in amp is typically 10 or less, and an additional
gain stage increases the overall gain to approximately 1000.
Gain developed in the input stage results in a trade-off in common-
mode voltage range, constraining the ability of the amplifier to
tolerate high dc electrode errors. Although the AD8225 is also
a three amplifier design, its gain of 5 is developed at the output
amplifier, improving the CMV range at the input. Using
±5V
supplies, the CMV range of the AD8225 is from –3.4 V to
+4 V, compared to –3.1 V to +3.8 V, a 7% improvement in
input headroom over conventional in amps with the same gain.
G = 5
AD8225
19.6k
301
100
OP77
G = 200
G = 5
AD8225
19.6k
301
100
OP77
G = 200
G = 5
AD8225
19.6k
301
100
OP77
G = 200
Figure 9. EKG Monitor Front End
Figure 9 illustrates how an AD8225 may be used in an EKG
front end. In a low cost system, the AD8225 can be connected to
the patient. If buffers are required, the AD8225 can replace the
expensive precision resistor network and op amp.
Figure 10 shows test waveforms observed from the circuit of
Figure 9.
CH 1 = 2V, CH 2 = 2V, CH 3 = 2V, H = 200ms
RA-LA 1
LA-LL 2
RA-LL 3
Figure 10. EKG Waveform Using Circuit of Figure 9
Benefits of Fast Slew Rates
At 5 V/
µs, the slew rate of the AD8225 is as fast as many op amp
circuits. This is an advantage in systems applications using multiple
sensors. For example, an analog multiplexer (see Figure 11) may
be used to select pairs of leads connected to several sensors. If
the AD8225 drives an ADC, the acquisition time is constrained
by the ability of the in amp to settle to a stable level after a new
set of leads is selected. Fast slew rates contribute greatly to
this function, especially if the difference in input levels is large.
AD8225
S1A
S1B
S2A
S2B
S3A
S3B
S4A
S4B
0.2V, 2V
ADG409
1
4
DA
DB
REF
Figure 11. Connection to an ADG409 Analog MUX
Figure 12 illustrates the response of an AD8225 connected to
an ADG409 analog multiplexer in the circuit shown in Figure 11
at two signal levels. Two of the four MUX inputs are connected
to test dc levels. The remaining two are at ground potential so
that the output slews as the inputs A0 and A1 are addressed. As
can be seen, the output response settles well within 4
µs of the
applied level.
CH 1 = 200mV, CH 2 = 2V, H = 500ns
LARGE SIGNAL
(2V/DIV)
SMALL SIGNAL
(200mV/DIV)
INPUT
SIGNAL
TRAN-
SITION
Figure 12. Slew Responses After MUX Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com