Electronic Components Datasheet Search
  English  ▼

X  

AD8225 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 3 Page - Analog Devices

  AD8225 Datasheet HTML 1Page - Analog Devices AD8225 Datasheet HTML 2Page - Analog Devices AD8225 Datasheet HTML 3Page - Analog Devices AD8225 Datasheet HTML 4Page - Analog Devices AD8225 Datasheet HTML 5Page - Analog Devices AD8225 Datasheet HTML 6Page - Analog Devices AD8225 Datasheet HTML 7Page - Analog Devices AD8225 Datasheet HTML 8Page - Analog Devices AD8225 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
AD8225
–3–
Parameter
Conditions
Min
Typ
Max
Unit
GAIN
Gain
5V/V
Gain Error
–0.1
+0.05
+0.1
%
Nonlinearity
2
10
±ppm
vs. Temperature
1
5
±ppm/°C
VOLTAGE OFFSET (RTI)
Offset Voltage
125
325
±µV
vs. Temperature
2
±µV/°C
vs. Supply
90
100
dB
INPUT
Input Operating Impedance
Differential
10 2G
Ω pF
Common-Mode
10 2G
Ω pF
Input Operating Voltage Range
–VS + 1.6
+VS – 1.0
V
vs. Temperature
–VS + 2.1
+VS – 1.5
V
Input Bias Current
0.5
1.2
nA
vs. Temperature
3
pA/
°C
Input Offset Current
0.15
0.5
nA
vs. Temperature
1.5
pA/
°C
Common-Mode Rejection Ratio
86
94
dB
TA = TMIN to TMAX
83
dB
f = 10 kHz
*
80
dB
OUTPUT
Operating Voltage Range
RL = 2 k
Ω
–VS + 0.9
+VS – 1.0
V
vs. Temperature
–VS + 1.0
+VS – 1.2
V
Operating Voltage Range
RL = 10 k
Ω
–VS + 0.8
+VS – 1.0
V
vs. Temperature
–VS + 0.9
+VS – 1.0
V
Short Circuit Current
18
mA
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
900
kHz
Full Power Bandwidth
VOUT = 7.8 V p-p
170
kHz
Settling Time (0.01%)
7 V Step
3
µs
Settling Time (0.001%)
7 V Step
4.3
µs
Slew Rate
5
V/
µs
NOISE (RTI)
Voltage
0.1 Hz to 10 Hz
1.5
µV p-p
Spectral Density, 1 kHz
45
nV/
√Hz
Current
0.1 Hz to 10 Hz
4
pA p-p
Spectral Density, 1 kHz
50
fA/
√Hz
REFERENCE INPUT
RIN
18
k
Ω
IIN
VINT, VREF = 0
60
µA
Voltage Range
–VS + 0.9
+VS – 1.0
V
Gain to Output
0.999
1
1.001
POWER SUPPLY
Operating Range
1.7
18
±V
Quiescent Current
1.05
1.2
mA
TEMPERATURE RANGE
For Specified Performance
–40
+85
°C
*Pin 1 connected to Pin 4. See Applications section.
Specifications subject to change without notice.
SPECIFICATIONS (T
A = 25 C, VS =
5 V, RL = 2 k , unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com