Electronic Components Datasheet Search
  English  ▼

X  

AD8225 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8225
Description  Precision Gain of 5 Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8225 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8225 Datasheet HTML 5Page - Analog Devices AD8225 Datasheet HTML 6Page - Analog Devices AD8225 Datasheet HTML 7Page - Analog Devices AD8225 Datasheet HTML 8Page - Analog Devices AD8225 Datasheet HTML 9Page - Analog Devices AD8225 Datasheet HTML 10Page - Analog Devices AD8225 Datasheet HTML 11Page - Analog Devices AD8225 Datasheet HTML 12Page - Analog Devices AD8225 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD8225
–9–
LOAD RESISTANCE –
30
25
0
10
100k
100
1k
15
10
5
20
TPC 19. Output Voltage Swing vs. Load Resistance
100
90
0
OUTPUT (5V/DIV)
CH 2 = 10mV/DIV
TEST
CIRCUIT
OUTPUT
(0.001%/DIV)
HORIZ
(4 s/DIV)
CH 1 = 5V/DIV
10
TPC 20. Large Signal Pulse Response and Settling
Time to 0.001%
100
90
10
0
OUTPUT
2
1
INPUT
CH 1 = 10mV, CH 2 = 20mV, H = 2 s
TPC 21. Small Signal Pulse Response, CL = 100 pF
STEP SIZE – V
10
9
0
020
510
15
6
3
2
1
8
7
4
5
0.001%
0.01%
TPC 22. Settling Time vs. Step Size
100
90
10
0
100mV
2V
10
OUTPUT VOLTAGE – V
0
–10
4
–4
–3
–2
–1
2
0
1
3
TPC 23. Gain Nonlinearity
SUPPLY VOLTAGE – V
1.5
0.9
0.5
0
20
2
468
10
12
14
16
18
1.4
1.0
0.8
0.6
1.2
1.1
0.7
1.3
+85 C
+25 C
–40 C
TPC 24. ISUPPLY vs. VSUPPLY and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com