Electronic Components Datasheet Search
  English  ▼

X  

AD5317R Datasheet(PDF) 4 Page - Analog Devices

Part # AD5317R
Description  Quad, 10-Bit nanoDAC Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317R Datasheet(HTML) 4 Page - Analog Devices

  AD5317R Datasheet HTML 1Page - Analog Devices AD5317R Datasheet HTML 2Page - Analog Devices AD5317R Datasheet HTML 3Page - Analog Devices AD5317R Datasheet HTML 4Page - Analog Devices AD5317R Datasheet HTML 5Page - Analog Devices AD5317R Datasheet HTML 6Page - Analog Devices AD5317R Datasheet HTML 7Page - Analog Devices AD5317R Datasheet HTML 8Page - Analog Devices AD5317R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5317R
Data Sheet
Rev. B | Page 4 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS2
Input Current
±2
µA
Per pin
Input Low Voltage, VINL
0.3 × VLOGIC
V
Input High Voltage, VINH
0.7 × VLOGIC
V
Pin Capacitance
2
pF
LOGIC OUTPUTS (SDO)2
Output Low Voltage, VOL
0.4
V
ISINK = 200 μA
Output High Voltage, VOH
VLOGIC − 0.4
V
ISOURCE = 200 μA
Floating State Output
Capacitance
4
pF
POWER REQUIREMENTS
VLOGIC
1.62
5.5
V
ILOGIC
3
µA
VDD
2.7
5.5
V
Gain = 1
VREF + 1.5
5.5
V
Gain = 2
IDD
VIH = VDD, VIL = GND, VDD = 2.7 V to 5.5 V
Normal Mode9
0.59
0.7
mA
Internal reference off
1.1
1.3
mA
Internal reference on, at full scale
All Power-Down Modes10
1
4
µA
−40°C to +85°C
6
µA
−40°C to +105°C
1
DC specifications tested with the outputs unloaded, unless otherwise noted. Upper dead band = 10 mV and exists only when VREF = VDD with gain = 1 or when VREF/2 =
VDD with gain = 2. Linearity calculated using a reduced code range of 4 to 1020.
2
Guaranteed by design and characterization; not production tested.
3
Channel A and Channel B can have a combined output current of up to 30 mA. Similarly, Channel C and Channel D can have a combined output current of up to
30 mA up to a junction temperature of 110°C.
4
VDD = 5 V. The device includes current limiting that is intended to protect the device during temporary overload conditions. Junction temperature can be exceeded
during current limit. Operation above the specified maximum operation junction temperature may impair device reliability.
5
When drawing a load current at either rail, the output voltage headroom with respect to that rail is limited by the 25
Ω typical channel resistance of the output
devices. For example, when sinking 1 mA, the minimum output voltage = 25 Ω × 1 mA = 25 mV (see Figure 28).
6
Initial accuracy presolder reflow is ±750 µV; output voltage includes the effects of preconditioning drift. See the Terminology section.
7
Reference is trimmed and tested at two temperatures and is characterized from −40°C to +105°C.
8
Reference temperature coefficient calculated as per the box method. See the Terminology section for more information.
9
Interface inactive. All DACs active. DAC outputs unloaded.
10
All DACs powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com