Electronic Components Datasheet Search
  English  ▼

X  

AD5317R Datasheet(PDF) 24 Page - Analog Devices

Part # AD5317R
Description  Quad, 10-Bit nanoDAC Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317R Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5317R Datasheet HTML 20Page - Analog Devices AD5317R Datasheet HTML 21Page - Analog Devices AD5317R Datasheet HTML 22Page - Analog Devices AD5317R Datasheet HTML 23Page - Analog Devices AD5317R Datasheet HTML 24Page - Analog Devices AD5317R Datasheet HTML 25Page - Analog Devices AD5317R Datasheet HTML 26Page - Analog Devices AD5317R Datasheet HTML 27Page - Analog Devices AD5317R Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD5317R
Data Sheet
Rev. B | Page 24 of 28
30B
HARDWARE RESET (
A
RESETE
A
)
A
RESETE
A
is an active low reset that allows the outputs to be
cleared to either zero scale or midscale. The clear code value is
user selectable via the
A
RESETE
A
select pin. It is necessary to
keep
A
RESETE
A
low for a minimum of 30 ns to complete the
operation (see Figure 2). When the
A
RESETE
A
signal is returned
high, the output remains at the cleared value until a new value is
programmed. The outputs cannot be updated with a new value
while the
A
RESETE
A
pin is low. There is also a software executable
reset function that resets the DAC to the power-on reset code.
Command 0110 is designated for this software reset function
(see Table 8). Any events on
A
LDACE
A
during a power-on reset are
ignored. If the
A
RESETE
A
pin is pulled low at power-up, the device
does not initialize correctly until the pin is released.
31B
RESET SELECT PIN (RSTSEL)
The AD5317R contains a power-on reset circuit that controls
the output voltage during power-up. By connecting the RSTSEL
pin low, the output powers up to zero scale. Note that this is
outside the linear region of the DAC. By connecting the
RSTSEL pin high, VOUT powers up to midscale. The output
remains powered up at this level until a valid write sequence is
made to the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com