Electronic Components Datasheet Search
  English  ▼

X  

AD5317R Datasheet(PDF) 20 Page - Analog Devices

Part # AD5317R
Description  Quad, 10-Bit nanoDAC Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317R Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5317R Datasheet HTML 16Page - Analog Devices AD5317R Datasheet HTML 17Page - Analog Devices AD5317R Datasheet HTML 18Page - Analog Devices AD5317R Datasheet HTML 19Page - Analog Devices AD5317R Datasheet HTML 20Page - Analog Devices AD5317R Datasheet HTML 21Page - Analog Devices AD5317R Datasheet HTML 22Page - Analog Devices AD5317R Datasheet HTML 23Page - Analog Devices AD5317R Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD5317R
Data Sheet
Rev. B | Page 20 of 28
22B
SERIAL INTERFACE
The AD5317R has a 3-wire serial interface (
A
SYNCE
A
, SCLK, and
SDIN) that is compatible with SPI, QSPI™, and MICROWIRE
interface standards as well as most DSPs. See Figure 2 for a
timing diagram of a typical write sequence. The AD5317R
contain an SDO pin to allow the user to daisy-chain multiple
devices together (see the Daisy-Chain Operation section) or for
readback.
44B
Input Shift Register
The input shift register of the AD5317R is 24 bits wide. Data is
loaded MSB first (DB23) and the first four bits are the command
bits, C3 to C0 (see Table 8), followed by the 4-bit DAC address
bits, DAC A, DAC B, DAC C, DAC D (see Table 9), and finally
the data-word.
The data-word comprises the 10-bit input code, followed by six
don’t care bits (see Figure 44). These data bits are transferred to
the input register on the 24 falling edges of SCLK and are
updated on the rising edge of
A
SYNCE
A
.
Commands can be executed on individual DAC channels,
combined DAC channels, or on all DAC channels, depending on
the address bits selected (see Table 9).
Table 8. Command Bit Definitions
Command
C3
C2
C1
C0
Description
0
0
0
0
No operation
0
0
0
1
Write to Input Register n (dependent on
A
LDACE
A
)
0
0
1
0
Update DAC Register n with contents of Input
Register n
0
0
1
1
Write to and update DAC Channel n
0
1
0
0
Power down/power up DAC
0
1
0
1
Hardware
A
LDACE
A
mask register
0
1
1
0
Software reset (power-on reset)
0
1
1
1
Internal reference setup register
1
0
0
0
Set up DCEN register (daisy-chain enable)
1
0
0
1
Set up readback register (readback enable)
1
0
1
0
Reserved
…
…
…
…
Reserved
1
1
1
1
No operation, daisy-chain mode
Table 9. Address Bits and Selected DACs
Address Bits
Selected DAC Channel
17F
1
DAC D
DAC C
DAC B
DAC A
0
0
0
1
DAC A
0
0
1
0
DAC B
0
1
0
0
DAC C
1
0
0
0
DAC D
0
0
1
1
DAC A and DAC B
1
1
1
1
All DACs
1
Any combination of DAC channels can be selected using the address bits.
ADDRESS BITS
COMMAND BITS
DAC
D
DAC
C
DAC
B
DAC
A
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
C3
C2
C1
C0
DB23 (MSB)
DB0 (LSB)
DATA BITS
Figure 44. AD5317R Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com