Electronic Components Datasheet Search
  English  ▼

X  

AD5317R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5317R
Description  Quad, 10-Bit nanoDAC Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5317R Datasheet HTML 3Page - Analog Devices AD5317R Datasheet HTML 4Page - Analog Devices AD5317R Datasheet HTML 5Page - Analog Devices AD5317R Datasheet HTML 6Page - Analog Devices AD5317R Datasheet HTML 7Page - Analog Devices AD5317R Datasheet HTML 8Page - Analog Devices AD5317R Datasheet HTML 9Page - Analog Devices AD5317R Datasheet HTML 10Page - Analog Devices AD5317R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5317R
Rev. B | Page 7 of 28
17B
DAISY-CHAIN AND READBACK TIMING CHARACTERISTICS
All input signals are specified with tR = tF = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 4
and Figure 5. VDD = 2.7 V to 5.5 V, 1.62 V ≤ VLOGIC ≤ 5.5 V; VREF = 2.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 5.
1.62 V ≤ VLOGIC < 2.7 V
2.7 V ≤ VLOGIC ≤ 5.5 V
Parameter
16F
1
Symbol
Min
Max
Min
Max
Unit
SCLK Cycle Time
t1
66
40
ns
SCLK High Time
t2
33
20
ns
SCLK Low Time
t3
33
20
ns
A
SYNCEE
A
to SCLK Falling Edge
t4
33
20
ns
Data Setup Time
t5
5
5
ns
Data Hold Time
t6
5
5
ns
SCLK Falling Edge to
A
SYNCEE
A
Rising Edge
t7
15
10
ns
Minimum
A
SYNCEE
A
High Time
t8
60
30
ns
SDO Data Valid from SCLK Rising Edge
t9
45
30
ns
A
SYNCEE
A
Rising Edge to SCLK Falling Edge
t10
15
10
ns
A
SYNCEE
A
Rising Edge to SDO Disable
t11
60
60
ns
1
Guaranteed by design and characterization; not production tested.
42B
Circuit and Timing Diagrams
200µA
IOL
200µA
IOH
VOH (MIN)
TO OUTPUT
PIN
CL
20pF
Figure 3. Load Circuit for Digital Output (SDO) Timing Specifications
t4
t1
t2
t3
t5
t6
t8
SDO
SDIN
SYNC
SCLK
48
24
DB23
DB0
DB23
DB0
DB23
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N + 1
INPUT WORD FOR DAC N
DB0
t7
t10
t9
Figure 4. Daisy-Chain Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com