Electronic Components Datasheet Search
  English  ▼

X  

AD5317R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5317R
Description  Quad, 10-Bit nanoDAC Reference, SPI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5317R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5317R Datasheet HTML 18Page - Analog Devices AD5317R Datasheet HTML 19Page - Analog Devices AD5317R Datasheet HTML 20Page - Analog Devices AD5317R Datasheet HTML 21Page - Analog Devices AD5317R Datasheet HTML 22Page - Analog Devices AD5317R Datasheet HTML 23Page - Analog Devices AD5317R Datasheet HTML 24Page - Analog Devices AD5317R Datasheet HTML 25Page - Analog Devices AD5317R Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5317R
Data Sheet
Rev. B | Page 22 of 28
26B
READBACK OPERATION
Readback mode is invoked through a software executable
readback command. If the SDO output is disabled via the daisy-
chain mode disable bit in the control register, it is automatically
enabled for the duration of the read operation, after which it is
disabled again. Command 1001 is reserved for the readback
function. This command, in association with selecting one of
the address bits, DAC A to DAC D, selects the register to read.
Note that only one DAC register can be selected during
readback. The remaining three address bits must be set to Logic
0. The remaining data bits in the write sequence are don’t care
bits. If more than one or no bits are selected, DAC Channel A is
read back by default. During the next SPI write, the data
appearing on the SDO output contains the data from the
previously addressed register.
For example, to read back the DAC register for Channel A, the
following sequence should be implemented:
1. Write 0x900000 to the AD5317R input register. This
configures the part for read mode with the DAC register of
Channel A selected. Note that all data bits, DB15 to DB0,
are don’t care bits.
2. Follow this with a second write, a NOP condition,
0x000000 (0xF00000 in daisy-chain mode). During this
write, the data from the register is clocked out on the SDO
line. DB23 to DB20 contain undefined data, and the last 16
bits contain the DB19 to DB4 DAC register contents.
27B
POWER-DOWN OPERATION
The AD5317R provides three separate power-down modes.
Command 0100 is designated for the power-down function (see
Table 8). These power-down modes are software programmable
by setting eight bits, Bit DB7 to Bit DB0, in the input shift register.
There are two bits associated with each DAC channel. Table 11
shows how the state of the two bits corresponds to the mode of
operation of the device.
Table 11. Modes of Operation
Operating Mode
PDx1
PDx0
Normal Operation
0
0
Power-Down Modes
1 kΩ to GND
0
1
100 kΩ to GND
1
0
Three-State
1
1
Any or all DACs (DAC A to DAC D) can be powered down to
the selected mode by setting the corresponding bits. See
Table 12 for the contents of the input shift register during the
power-down/power-up operation.
When both Bit PDx1 and Bit PDx0 (where x is the channel
selected) in the input shift register are set to 0, the part works
normally with its normal power consumption of 1.1 mA at 5 V.
However, for the three power-down modes, the supply current
falls to 4 μA at 5 V. Not only does the supply current fall, but the
output stage is also internally switched from the output of the
amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
power-down options (see Table 11). The output is connected
internally to GND through either a 1 kΩ or a 100 kΩ resistor, or
it is left open-circuited (three-state). The output stage is
illustrated in Figure 46.
RESISTOR
NETWORK
VOUTX
DAC
POWER-DOWN
CIRCUITRY
AMPLIFIER
Figure 46. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are shut down when the power-down
mode is activated. However, the contents of the DAC registers
are unaffected when in power-down. The DAC registers can be
updated while the device is in power-down mode. The time
required to exit power-down is typically 4.5 µs for VDD = 5 V.
Table 12. 24-Bit Input Shift Register Contents for Power-Down/Power-Up Operation
18F
1
DB23
DB22
DB21
DB20
DB19 to DB16
DB15
to
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
(LSB)
0
1
0
0
X
X
PDD1
PDD0
PDC1
PDC0
PDB1
PDB0
PDA1
PDA0
Command bits (C3 to C0)
Address bits
(don’t care)
Power-Down
Select DAC D
Power-Down
Select DAC C
Power-Down
Select DAC B
Power-Down
Select DAC A
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com