Electronic Components Datasheet Search
  English  ▼

X  

5658 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IB IL 24 SEG/F-D ...
5658_en_03
PHOENIX CONTACT
3
Transmission Speed
IB IL 24 SEG/F-D
500 kbps
IB IL 24 SEG/F-D-PAC
500 kbps
IB IL 24 SEG/F-D-2MBD
2 Mbps
IB IL 24 SEG/F-D-2MBD-PAC
2 Mbps
Power Consumption
500 kbps
2 Mbps
Communications power UL
7.5 V DC
7.5 V DC
Current consumption at UL
25 mA, maximum
45 mA, maximum
Power consumption at UL
0.19 W, maximum
0.34 W, maximum
Main voltage UM
24 V DC (nominal value)
24 V DC (nominal value)
Nominal current consumption at UM
4.0 A (nominal value)
4.0 A (nominal value)
Supply of the Module Electronics and the I/O Through the Bus Coupler/Power Terminal (UL, UM)
Connection method
Through potential routing
24 V I/O Supply (UM, US)
The main voltage UM is supplied at the bus coupler or at a power terminal. The segment voltage US is provided automatically at this segment terminal and
protected by the internal fuse.
Connections for a supply voltage are not provided on the segment terminal. The terminal points are only provided for measuring purposes.
Permissible Total Current in the Potential Jumpers of
the Main and Segment Circuit/Nominal Current of the
Terminal
500 kbps
2 Mbps
Permissible total current in the potential jumpers
6.3 A
5.4 A
Nominal current of the terminal
4.0 A
4.0 A
Tolerance
+10%
+10%
The terminal is supplied with a 6.3 A slow-blow fuse.
Power Dissipation
Formula to Calculate the Power Dissipation of the
Electronics (500 kbps)
Formula to Calculate the Power Dissipation of the
Electronics (2 Mbps)
PTOT = 0.180 W + IL2 x RF
Where
PTOT
Total power dissipation in the terminal
IL
Load current in the segment circuit
RF
Resistance of the fuse
The resistance of the fuse RF for a 6.3 AT fuse is approximately 12 mΩ.
The power dissipation of the electronics for a theoretical maximum current of
6.3 A (nominal current = 4.0 A) is calculated as follows:
PTOT = 0.18 W + 39.69 A2 x 0.012 Ω = 0.66 W
PTOT = 0.34 W + IL2 x RF
Where
PTOT
Total power dissipation in the terminal
IL
Load current in the segment circuit
RF
Resistance of the fuse
The resistance of the fuse RF for a 6.3 AT fuse is approximately 12 mΩ.
The power dissipation of the electronics for a theoretical maximum current of
5.4 A (nominal current = 4.0 A) is calculated as follows:
PTOT = 0.34 W + 29.16 A2 x 0.012 Ω = 0.68 W
Power Dissipation of the Housing (PHOU) (500 kbps and 2 Mbps)
PHOU = 0.7 W in the total permissible ambient temperature range



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com