Electronic Components Datasheet Search
  English  ▼

X  

5658 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IB IL 24 SEG/F-D ...
5658_en_03
PHOENIX CONTACT
4
Typical Power Dissipation of the Electronics Depending on the Load Current in the Segment Circuit
500 kbps
2 Mbps
P [W] Power dissipation in W
IL [A] Load current in the segment circuit in A
This test was carried out with a 6.3 AT fuse.
P [W] Power dissipation in W
IL [A] Load current in the segment circuit in A
This test was carried out with a 6.3 AT fuse.
0
0 . 1
0 . 2
0 . 3
0 . 4
0 . 5
0 . 6
0 . 7
0 . 8
0 . 9
1 . 0
0 . 1
0 . 5
1
2
4
6
8
I
L
[ A ]
5 5 6 9 C 0 0 6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.,7
0.8
0.9
1.0
0.1
0.5
1
2
4
6
8
I [A]
L
6772A006
1.1
1.2
Derating of the Load Current in the Segment Circuit
No derating
Safeguards
Overload/short circuit in the segment circuit
Fuse 5 x 20 with 6.3 A slow-blow
Surge voltage
Protective elements in the power terminal or the bus coupler
Protection against polarity reversal
Protective elements in the power terminal or the bus coupler
Fuses with other values can also be used. The maximum fuse value must not exceed 6.3 A.
Note for the selection of fuses:
For fuses with a value greater than 2 A, only slow-blow fuses may be used.
Electrical Isolation/Isolation of the Voltage Areas
Common Potentials
The 24 V main voltage, 24 V segment voltage, and GND have the same potential. FE is a separate potential area.
Separate Potentials in the System Consisting of Bus Coupler/Power Terminal and I/O Terminal
- Test Distance
- Test Voltage
5 V supply incoming remote bus/7.5 V supply (bus logic)
500 V AC, 50 Hz, 1 min.
5 V supply outgoing remote bus/7.5 V supply (bus logic)
500 V AC, 50 Hz, 1 min.
7.5 V supply (bus logic)/24 V supply (I/O)
500 V AC, 50 Hz, 1 min.
24 V supply (I/O)/functional earth ground
500 V AC, 50 Hz, 1 min.
To provide electrical isolation between the logic level and the I/O area, it is necessary to supply these areas via the bus coupler or via the
bus coupler and a power terminal from separate power supply units. Interconnection of the power supply units in the 24 V area is not
permitted. Please also observe the GND/PE connections on the power supply units (see also user manual).
Error Messages to the Higher-Level Control or Computer System
I/O error message if fuse has blown or is missing
I/O error message if supply voltage UM is not present
Approvals
For the latest approvals, please visit www.download.phoenixcontact.com.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com