Electronic Components Datasheet Search
  English  ▼

X  

5658 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IB IL 24 SEG/F-D ...
5658_en_03
6
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany
Phone: +49-(0) 5235-3-00 • Fax: +49-(0) 5235-3-4 12 00
www.phoenixcontact.com
Internal Circuit Diagram
Figure 2
Internal wiring of the terminal points
Programming Data
Local Bus (INTERBUS)
Other Bus Systems
Process Data
Assignment of IN Process Data
© PHOENIX CONTACT 01/2007
Key:
Protocol chip
(bus logic including voltage conditioning)
LED with details of the indicator designation
"D" or "E" (see page 5)
Optocoupler
Fuse
Capacitive connection to functional earth
ground (FE)
Electrically isolated area
Other symbols used are explained in the
IB IL SYS PRO UM E user manual or the
system manual for your bus system.
+24 V (U )
M
+24 V (U )
S
Local bus
U
L
OPC
D
E
7383A004
+24 V (U )
M
OP C
ID code
BEhex (190dec)
Length code
C2hex
Process data channel
2 bits
Input address area
2 bits
Output address area
0 bits
Parameter channel (PCP)
0 bits
Register length (bus)
2 bits
For the programming data/configuration data
of other bus systems, please refer to the
corresponding electronic device data sheet
(e.g., GSD, EDS).
The IN process data only maps the status of
the fuse and the main voltage.
(Byte.bit) view
0.1 0.0
Assignment Main voltage UM present,
fuse OK
11
Main voltage UM present,
fuse blown or missing
10
Main voltage UM not present
0
0
For the assignment of the illustrated (byte.bit) -
view to your INTERBUS control or computer
system, please refer to the
DB GB IBS SYS ADDRESS data sheet, Order
No. 9000990.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com