Electronic Components Datasheet Search
  English  ▼

X  

5658 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IB IL 24 SEG/F-D ...
5658_en_03
PHOENIX CONTACT
5
Local Diagnostic and Status Indicators
and Terminal Point Assignment
Figure 1
Terminal with appropriate connector
Local Diagnostic Indicators
Function Identification
Black
2 Mbps: white stripe in the vicinity of the LED D
Terminal Point Assignment
12
1
2
3
4
1
2
3
4
1.1
1.2
1.3
1.4
2.1
2.2
2.3
2.4
D
E
SEG/F-D
D
E
SEG/F-D
5658B003
Des. Color
Meaning
D
Green
Diagnostics
ON:
Bus active
Flashing:
0.5 Hz:
Communications power present, Bus
not active
2 Hz:
Communications power present,
supply voltage UM not present or fuse
has blown.
4 Hz:
Communications power present,
local bus error
OFF:
Communications power not present,
Bus not active
E
Red
Fuse in segment circuit US
OFF:
Fuse OK
ON:
Fuse has blown
If supply voltage UM is not present and the fuse
has blown or is missing, an I/O error message
is generated on the higher-level control or
computer system.
A blown or missing fuse is indicated by both
diagnostic indicators. The red E LED lights up
and the green D LED flashes at 2 Hz.
Terminal
Point
Assignment
1.1, 2.1
Segment voltage US
(after the fuse)
1.2, 2.2
Main voltage UM
1.3, 2.3
GND of the supply voltages
1.4, 2.4
Functional earth ground (FE)
The terminal points are only provided for
measuring purposes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com