Electronic Components Datasheet Search
  English  ▼

X  

5658 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5658
Description  Inline Segment Terminal With Fuse and Diagnostics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5658 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5658 Datasheet HTML 1Page - PHOENIX CONTACT 5658 Datasheet HTML 2Page - PHOENIX CONTACT 5658 Datasheet HTML 3Page - PHOENIX CONTACT 5658 Datasheet HTML 4Page - PHOENIX CONTACT 5658 Datasheet HTML 5Page - PHOENIX CONTACT 5658 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© PHOENIX CONTACT - 01/2007
5658_en_03
AUTOMATIONWORX
IB IL 24 SEG/F-D ...
Data Sheet
Description
The terminal is designed for use within an Inline station.
The segment terminal is used to create a protected partial
circuit (segment circuit) within the main circuit.
The terminal is not used to supply power and has no
elements for protection against polarity reversal and surge
voltage.
This terminal has an LED for diagnostics and occupies two
input data bits, which are used to indicate the presence of
the supply voltage and the state of the fuse.
Features
–
Automatic creation of a segment circuit within the main
circuit
–
Segment circuit protected by an internal fuse
–
Diagnostic indicators
–
Mapping of the status of the internal fuse and the main
voltage to the input data
Inline Segment Terminal
With Fuse and Diagnostics
This data sheet is only valid in association with the IB IL SYS PRO UM E user manual or the Inline system
manual for your bus system.
Make sure you always use the latest documentation.
It can be downloaded at www.download.phoenixcontact.com.
A conversion table is available on the Internet at
www.download.phoenixcontact.com/general/7000_en_00.pdf.
This data sheet is valid for all products listed on the following page:
SEG/F-D
D
E


Similar Part No. - 5658

ManufacturerPart #DatasheetDescription
logo
Heyco.
5658 HEYCO-5658 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Festo Corporation.
565800 FESTO-565800 Datasheet
86Kb / 2P
Hinge cylinder
565801 FESTO-565801 Datasheet
87Kb / 2P
Hinge cylinder
565803 FESTO-565803 Datasheet
83Kb / 2P
Hinge cylinder
565804 FESTO-565804 Datasheet
84Kb / 2P
Hinge cylinder
More results

Similar Description - 5658

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0FHA0001ZXJ LITTELFUSE-0FHA0001ZXJ Datasheet
586Kb / 1P
INLINE FUSE HOLDER FOR ATO STYLE BLADE FUSE
0FHM000XLXN LITTELFUSE-0FHM000XLXN Datasheet
562Kb / 1P
INLINE SPLASHPROOF FUSE HOLDER
04980921GXM5 LITTELFUSE-04980921GXM5 Datasheet
836Kb / 2P
INLINE MIDI FUSE HOLDER
logo
PHOENIX CONTACT
2726324 PHOENIX-2726324 Datasheet
149Kb / 5P
Inline segment terminal, without accessories, 24 V DC, without fuse
2727462 PHOENIX-2727462 Datasheet
55Kb / 3P
Connector, for Inline power and segment terminal blocks
2727637 PHOENIX-2727637 Datasheet
92Kb / 3P
Connector, colored, for Inline power and segment terminal blocks
5657 PHOENIX-5657 Datasheet
233Kb / 9P
Inline Segment Terminal With Electronic Fuse
6528B PHOENIX-6528B Datasheet
224Kb / 12P
Inline Terminal With two Digital Outputs and Extended Diagnostics
7047 PHOENIX-7047 Datasheet
184Kb / 11P
Inline Power Terminal With Fuse and Diagnostics
7187 PHOENIX-7187 Datasheet
291Kb / 8P
Inline power terminal, 230 V AC, with fuse and diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com