Electronic Components Datasheet Search
  English  ▼

X  

6985 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 6985
Description  Inline terminal for serial data transmission
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6985 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  6985 Datasheet HTML 1Page - PHOENIX CONTACT 6985 Datasheet HTML 2Page - PHOENIX CONTACT 6985 Datasheet HTML 3Page - PHOENIX CONTACT 6985 Datasheet HTML 4Page - PHOENIX CONTACT 6985 Datasheet HTML 5Page - PHOENIX CONTACT 6985 Datasheet HTML 6Page - PHOENIX CONTACT 6985 Datasheet HTML 7Page - PHOENIX CONTACT 6985 Datasheet HTML 8Page - PHOENIX CONTACT 6985 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
IB IL RS 485/422-PRO ...
6985_en_05
PHOENIX CONTACT
4
4
Diagnostic/status indicators and
terminal point assignment
Figure 1
Diagnostic/status indicators and terminal point
assignment
4.1
Local diagnostic and status indicators
4.2
Function identification
Orange
2 Mbps: white stripe in the vicinity of the D LED
Electrical isolation/isolation of the voltage areas
Electrical isolation of the logic level from the serial interface is ensured by the DC/DC converter.
Common potentials
The serial interface control and data lines have the same potential. FE is a separate potential area.
Separate potentials in the system consisting of bus coupler/power terminal and I/O terminal
Test distance
Test voltage
5 V supply incoming remote bus / 7.5 V supply (bus logic)
500 V AC, 50 Hz, 1 min
5 V supply outgoing remote bus / 7.5 V supply (bus logic)
500 V AC, 50 Hz, 1 min
RS-485/422 interface / 7.5 V supply (bus logic)
500 V AC, 50 Hz, 1 min
RS-485/422 interface / 24 V supply (I/O)
500 V AC, 50 Hz, 1 min
RS-485/422 interface / functional earth ground
500 V AC, 50 Hz, 1 min
7.5 V supply (bus logic) / 24 V supply (I/O)
500 V AC, 50 Hz, 1 min
7.5 V supply (bus logic) / functional earth ground
500 V AC, 50 Hz, 1 min
24 V supply (I/O) / functional earth ground
500 V AC, 50 Hz, 1 min
Error messages to the higher-level control or computer system
None
Approvals
For the latest approvals, please visit www.download.phoenixcontact.com or www.eshop.phoenixcontact.com.
6 1 9 9 A 0 0 3
D
R S 4 8 5 / 4 2 2
T R
R x D
T x D
1
2
1
2
3
4
1
2
3
4
1 . 1
1 . 2
1 . 3
1 . 4
2 . 1
2 . 2
2 . 3
2 . 4
2
1
Des.
Color
Meaning
D
Green
Diagnostics
TR
––
Serial interface:
RxD
Yellow
Terminal is receiving data from the
connected device
TxD
Yellow
Terminal is transmitting data to the
connected device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com