Electronic Components Datasheet Search
  English  ▼

X  

6985 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 6985
Description  Inline terminal for serial data transmission
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6985 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 6985 Datasheet HTML 3Page - PHOENIX CONTACT 6985 Datasheet HTML 4Page - PHOENIX CONTACT 6985 Datasheet HTML 5Page - PHOENIX CONTACT 6985 Datasheet HTML 6Page - PHOENIX CONTACT 6985 Datasheet HTML 7Page - PHOENIX CONTACT 6985 Datasheet HTML 8Page - PHOENIX CONTACT 6985 Datasheet HTML 9Page - PHOENIX CONTACT 6985 Datasheet HTML 10Page - PHOENIX CONTACT 6985 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IB IL RS 485/422-PRO ...
6985_en_05
PHOENIX CONTACT
7
6
Serial interface
The terminal has an RS-485 and an RS-422 interface. The
interfaces can only be operated alternatively.
6.1
RS-485
In RS-485 operating mode, an RS-485 network with several
devices can be created.
Use a data cable with commonly shielded twisted pairs to
connect the devices. Equip this data cable with a
termination resistor at both most remote points of the RS-
485 network. To connect them to the Inline terminal, use the
termination resistor installed in the device (see Figure 2).
Connection examples are shown in Figures 5 to 7 on pages
9 to 10.
This operating mode supports the half-duplex transmission.
Make sure that only one device is transmitting data at a time.
In order to be able to guarantee a defined cable idle state,
the data cable polarization is contained in the terminal.
6.2
RS-422
In RS-422 operating mode, it is possible to establish a point-
to-point connection.
Use a data cable with commonly shielded twisted pairs to
connect the devices. Equip this data cable with a
termination resistor at each device. To connect them to the
Inline terminal, use the termination resistor installed in the
device (see Figure 2).
Connection examples are shown in Figures 8 to 9 on pages
10 to 11.
This operating mode supports full-duplex transmission.
7
Connection notes
7.1
Shield connected capacitively to FE
Figure 3
Position of the shield connector to connect the
shield capacitively to FE
7.2
Shield connected directly to FE
Figure 4
Position of the shield connector to connect the
shield directly to FE
By assigning terminal points 1.4 and 2.4 of both
connectors you can connect the cable shield
either using a capacitor (connector 2) or directly
(connector 1) to functional earth ground (FE).
The two connection options allow to connect one
cable shield side to FE directly and the other
capacitively - without additional effort. In this way,
you can prevent ground loops occurring if a shield
is connected directly to FE on both sides.
No matter at what side you connect the shield,
you must connect all wires to connector 2.
Use at least one connector with shield connection
when connecting the I/O device.
6 8 7 8 B 0 0 5
6 8 7 8 B 0 0 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com