Electronic Components Datasheet Search
  English  ▼

X  

6985 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 6985
Description  Inline terminal for serial data transmission
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6985 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 6985 Datasheet HTML 12Page - PHOENIX CONTACT 6985 Datasheet HTML 13Page - PHOENIX CONTACT 6985 Datasheet HTML 14Page - PHOENIX CONTACT 6985 Datasheet HTML 15Page - PHOENIX CONTACT 6985 Datasheet HTML 16Page - PHOENIX CONTACT 6985 Datasheet HTML 17Page - PHOENIX CONTACT 6985 Datasheet HTML 18Page - PHOENIX CONTACT 6985 Datasheet HTML 19Page - PHOENIX CONTACT 6985 Datasheet HTML 20Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
IB IL RS 485/422-PRO ...
6985_en_05
20
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49-(0) 5235-3-00
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
Example for a configuration with transparent protocol
–
Default: Transparent protocol
–
Baud rate: 19200 baud
–
Data width: 8 data bits with odd parity and one stop bit
–
Configuration (in hex): 4000 0083 0000 0000
Example for a configuration with Movilink protocol
–
Default: Movilink protocol
–
Baud rate: 9600 baud
–
Data width: 8 data bits with odd parity and one stop bit
–
Configuration (in hex): 4000 0672 0000 0000
11.7
"Read Configuration" command
Process data assignment for the "Read Configuration"
command
11.8
"Read Firmware Version" command
With a control word of 3C00
hex, the second input word
supplies the firmware version and the type code.
Type code 7
hex is identical with the type code of
IB IL RS 485/422 ....
Word
012
345
Byte
012345
6789
10
11
OUT
40
00
00
83
00
00
00
–
–
–
–
–
IN
40
–
–
–
–
–
–
–
–
–
–
–
Word
0
1
2
3
4
5
Byte
01
2
3
45
6
7
8
9
10
11
OUT
IN
15 14 13 12 11 10
98
76
54
32
10
Firmware version, e.g.,100
hex
Type code:
7
hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com