Electronic Components Datasheet Search
  English  ▼

X  

6985 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 6985
Description  Inline terminal for serial data transmission
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6985 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  6985 Datasheet HTML 1Page - PHOENIX CONTACT 6985 Datasheet HTML 2Page - PHOENIX CONTACT 6985 Datasheet HTML 3Page - PHOENIX CONTACT 6985 Datasheet HTML 4Page - PHOENIX CONTACT 6985 Datasheet HTML 5Page - PHOENIX CONTACT 6985 Datasheet HTML 6Page - PHOENIX CONTACT 6985 Datasheet HTML 7Page - PHOENIX CONTACT 6985 Datasheet HTML 8Page - PHOENIX CONTACT 6985 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IB IL RS 485/422-PRO ...
6985_en_05
PHOENIX CONTACT
2
2Ordering data
3
Technical data
Products
Description
Type
Order No.
Pcs./Pkt.
Inline terminal for serial data transmission,
complete with accessories (connector and labeling fields);
transmission speed 500 kbaud
IB IL RS 485/422-PRO-PAC
2863627
1
Inline terminal for serial data transmission, without accessories,
transmission speed 500 kbaud
IB IL RS 485/422-PRO
2863707
1
Inline terminal for serial data transmission,
complete with accessories (connector and labeling fields);
transmission speed 2 Mbaud
IB IL RS 485/422-PRO-2MBD-PAC
2878887
1
The listed connector set is needed for the complete fitting of the IB IL RS 485/422-PRO terminal.
When using the terminal according to the example
"RS-485: Terminal in the network center" on page 9 two shield connectors are required for connecting the cables.
Accessories
Description
Type
Order No.
Pcs./Pkt.
Connector set with a standard connector and a shield connector
IB IL AO/CNT-PLSET
2732664
1 set
Shield connector
IB IL SCN-6 SHIELD
2736353
5
Documentation
Description
Type
Order No.
Pcs./Pkt.
"Automation Terminals of the Inline Product Range" user manual
IL SYS INST UM E
2698737
1
"INTERBUS Addressing" data sheet
DB GB IBS SYS ADDRESS
9000990
1
General data
Housing dimensions (width x height x depth)
24.4 mm x 136 mm x 72 mm (with connectors)
Weight
90 g (without connectors), 135 g (with connectors)
Operating mode
Process data mode with 6 words
Connection method for sensors
2 and 3-wire technology
Permissible temperature (operation)
-25°C to +55°C
Permissible temperature (storage/transport)
-25°C to +85°C
Permissible humidity (operation/storage/transport)
10% to 95% according to DIN EN 61131-2
Permissible air pressure (operation/storage/transport)
70 kPa to 106 kPa (up to 3000 m above sea level)
Degree of protection
IP20 according to IEC 60529
Class of protection
Class 3 according to EN 61131-2, IEC 61131-2
Connection data for connectors
Connection type
Spring-cage terminals
Conductor cross-section
0.2 mm
2
to 1.5 mm
2
(solid or stranded), 24 - 16 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com