Electronic Components Datasheet Search
  English  ▼

X  

6985 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 6985
Description  Inline terminal for serial data transmission
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

6985 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 6985 Datasheet HTML 9Page - PHOENIX CONTACT 6985 Datasheet HTML 10Page - PHOENIX CONTACT 6985 Datasheet HTML 11Page - PHOENIX CONTACT 6985 Datasheet HTML 12Page - PHOENIX CONTACT 6985 Datasheet HTML 13Page - PHOENIX CONTACT 6985 Datasheet HTML 14Page - PHOENIX CONTACT 6985 Datasheet HTML 15Page - PHOENIX CONTACT 6985 Datasheet HTML 16Page - PHOENIX CONTACT 6985 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
IB IL RS 485/422-PRO ...
6985_en_05
PHOENIX CONTACT
13
10.5
3964R protocol
This protocol, developed by Siemens, is the most complex.
It uses start and end identification, checksum and time
monitoring.
5 buffers are available for transmitting, 25 buffers are
available for receiving.
The optional 3964 priority defines which device may send
first (high priority) if there is an initialization conflict (several
devices attempting to send data simultaneously).
10.6
XON/XOFF protocol
This protocol operates like the transparent protocol,
however, using a software handshake.
Data transmission with this protocol is controlled by the
XON and XOFF characters. XON is set to 11
hex and XOFF
to 13
hex.
If the terminal receives an XOFF, no more serial data will be
sent until an XON is received.
The terminal itself will transmit an XOFF if the available
space in the receive memory is less than 5 bytes. As soon
as more memory becomes available again, the module will
transmit a single XON.
Transmission of serial data is not filtered. Any characters,
which occur with the code defined for XON and XOFF, are
thus transmitted and may trigger undesirable events at the
receiver. When serial data is received, the XON and XOFF
characters are filtered and are not available as data. Any
characters with the XON or XOFF code are lost. Ensure that
characters with these codes do not appear in the data
stream.
With the XON/XOFF protocol this function is only
completely available for the RS-422 interface. It can be
discussed if using the protocol for the RS-485 interface is
useful as the latter is a half duplex connection, which
enables either to transmit or to receive data. However, with
the XON/XOFF protocol the receiver can respond with a
XOFF at any time when transmitting characters. Reception
of this control character by the transmitter is thus not
ensured.
10.7
Movilink protocol
The terminal is the Movilink master in the Movilink protocol.
After transmission of a telegram the terminal waits for a
maximum of 500 ms for the response. After the response
was received, the response data is available in the input
data. Only then can the next telegram be sent.
A delimiter is placed ahead of the process data when a
Movilink telegram is being sent. The calculated checksum is
added behind the process data.
When the data is received, the delimiter and the checksum
are filtered out before the data is transmitted over the bus.
Transmit or receive errors are reported when a transmission
timeout or a negative checksum comparison occurs.
Transmit and receive buffer have a size of 11 bytes each.
Character delay time:
220 ms
Acknowledgment delay time:
2 s
Block waiting time:
10 s
Number of attempts to establish a connection:
6
As the RS-485 interface is a half duplex interface
a waiting time (slave response time) is kept
between data transmission and reception. It is
11 bits and depends on the baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com