Electronic Components Datasheet Search
  English  ▼

X  

8458 Datasheet(PDF) 2 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 2 Page - AVX Corporation

  8458 Datasheet HTML 1Page - AVX Corporation 8458 Datasheet HTML 2Page - AVX Corporation 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
69
69
Male Style B Press-Fit
Series 8458 – 2 rows (2 x 32)
denotes ground pin
No. Contact
Contact
Positions
Rows
A
B
C
D
E
64
2 (2 x 32)
31
78.74
85.19
88.90
93.98
(3.100)
(3.354)
(3.500)
(3.700)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
64
a + b fully loaded
10 8458 064 001 025
10 8458 064 001 049
5.3 mm (Y)
32
a loading only
10 8458 064 001 027
10 8458 064 001 051
Right Angled
62 + 2
fully loaded + ground
10 8458 064 101 025
10 8458 064 101 049
for 1.6 mm PCB's
64
a + b fully loaded
10 8458 064 031 025
10 8458 064 031 049
3.0 mm (Y)
32
a loading only
10 8458 064 031 027
10 8458 064 031 051
Right Angled
62 + 2
fully loaded + ground
10 8458 064 131 025
10 8458 064 131 049
64 contacts, rows a + b fully loaded
32 contacts, row a loading only
62 + 2 contacts, fully loaded
with ground in A1 & A32
●●●●
●
b
●●●●
●
a
✕✕✕✕
✕
b
●●●●
●
a
●●●●
●
b
●●●●
●
a
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 12, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
E
For Y dimension see
contact design
ROW A
ROW B
ROW B
ROW A
1
1
D
D
C
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
KEYING
Y
HOLE PATTERN
DIA.
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
5.08
[0.200]
2.84
[0.112]
DIA.
GROUND
CONTACT
8.51
[0.335]
11.1
[0.437]
.0453 +.0000
-.0010
+0.00
-0.025
1.15
+.0035
-.0024
.039
1.00
+0.09
-0.06
2.54
[0.100]
Assembly Tool: 06 8458 9261 00 000 (see page 67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com