Electronic Components Datasheet Search
  English  ▼

X  

8458 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 1 Page - AVX Corporation

  8458 Datasheet HTML 1Page - AVX Corporation 8458 Datasheet HTML 2Page - AVX Corporation 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
68
Male Style 1/2 B Press-Fit
Series 8458 – 2 rows (2 x 16)
denotes ground pin
No. Contact
Contact
Positions
Rows
A
B
C
D
E
32
2 (2 x 16)
15
38.10
44.55
48.26
53.34
(1.500)
(1.754)
(1.900)
(2.100)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
32
a + b fully loaded
10 8458 032 001 025
10 8458 032 001 049
5.3 mm (Y)
16
a loading only
10 8458 032 001 027
10 8458 032 001 051
Right Angled
30 + 2
fully loaded + ground
10 8458 032 101 025
10 8458 032 101 049
for 1.6 mm PCB's
32
a + b fully loaded
10 8458 032 031 025
10 8458 032 031 049
3.0 mm (Y)
16
a loading only
10 8458 032 031 027
10 8458 032 031 051
Right Angled
30 + 2
fully loaded + ground
10 8458 032 131 025
10 8458 032 131 049
●●●●
●
b
●●●●
●
a
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, rows a + b fully loaded
●●●●
●
b
●●●●
●
a
16 contacts, row a loading only
30 + 2 contacts, fully loaded
with ground in A1 & A16
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 12, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
E
.0453
2.84
[0.112]
For Y dimension see
contact design
ROW A
ROW B
ROW B
ROW A
2.54
[0.100]
GROUND
CONTACT
1
1
D
D
C
+.0000
-.0010
+0.00
-0.025
1.15
+.0035
-.0024
.039
1.00
+0.09
-0.06
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
KEYING
Y
8.51
[0.335]
11.1
[0.437]
HOLE PATTERN
DIA.
DIA.
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
5.08
[0.200]
Assembly Tool: 06 8458 9221 00 000 (see page 67)


Similar Part No. - 8458

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8458 BELDEN-8458 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8458-060100 BELDEN-8458-060100 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8458-0601000 BELDEN-8458-0601000 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8458-060500 BELDEN-8458-060500 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8458-0605000 BELDEN-8458-0605000 Datasheet
225Kb / 2P
Electronic, 15 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 8458

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF2500 WTE-PF2500 Datasheet
23Kb / 2P
25A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500 Datasheet
23Kb / 2P
35A 1/2 PRESS-FIT DIODE
PF3500 WTE-PF3500_06 Datasheet
30Kb / 2P
35A 1/2" PRESS-FIT DIODE
PF5000 WTE-PF5000 Datasheet
30Kb / 2P
50A 1/2 PRESS-FIT DIODE
logo
AVX Corporation
108457096003025 AVX-108457096003025 Datasheet
362Kb / 12P
Male Style 1/2 B Series 8457 ??2 rows (2 x 16)
logo
Won-Top Electronics
PF2500 WTE-PF2500_14 Datasheet
32Kb / 2P
25A 1/2??PRESS-FIT DIODE
PF3500 WTE-PF3500_14 Datasheet
32Kb / 2P
35A 1/2??PRESS-FIT DIODE
PF5000 WTE-PF5000_14 Datasheet
32Kb / 2P
50A 1/2 PRESS-FIT DIODE
PF7000 WTE-PF7000 Datasheet
32Kb / 2P
70A 1/2 PRESS-FIT DIODE
logo
AVX Corporation
8457 AVX-8457 Datasheet
362Kb / 12P
Male Style 1/2 B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com