Electronic Components Datasheet Search
  English  ▼

X  

8458 Datasheet(PDF) 3 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 3 Page - AVX Corporation

  8458 Datasheet HTML 1Page - AVX Corporation 8458 Datasheet HTML 2Page - AVX Corporation 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
70
Female Style B Press-Fit
Series 8458 – 2 rows (2 x 32)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 001 025
20 8458 064 001 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 001 007
20 8458 064 001 055
5.3 mm (Y) Straight
32
a loading only
20 8458 064 001 027
20 8458 064 001 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 002 025
20 8458 064 002 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 002 007
20 8458 064 002 055
9.3 mm (Y) Straight
32
a loading only
20 8458 064 002 027
20 8458 064 002 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 003 025
20 8458 064 003 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 003 007
20 8458 064 003 055
16.2 mm (Y) Straight
32
a loading only
20 8458 064 003 027
20 8458 064 003 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 004 025
20 8458 064 004 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 004 007
20 8458 064 004 055
23.2 mm (Y) Straight
32
a loading only
20 8458 064 004 027
20 8458 064 004 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 005 025
20 8458 064 005 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 005 007
20 8458 064 005 055
13.2 mm (Y) Straight
32
a loading only
20 8458 064 005 027
20 8458 064 005 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 009 025
20 8458 064 009 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 009 007
20 8458 064 009 055
12.0 mm (Y) Straight
32
a loading only
20 8458 064 009 027
20 8458 064 009 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 010 025
20 8458 064 010 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 010 007
20 8458 064 010 055
20.3 mm (Y) Straight
32
a loading only
20 8458 064 010 027
20 8458 064 010 051
for
≥ 2.4 mm PCB's
64
a + b fully loaded
20 8458 064 012 025
20 8458 064 012 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 012 007
20 8458 064 012 055
17.0 mm Straight
32
a loading only
20 8458 064 012 027
20 8458 064 012 051
for 1.6 mm PCB's
64
a + b fully loaded
20 8458 064 031 025
20 8458 064 031 049
0.6 x 0.6 mm Post Profile
32
a + b even loading
20 8458 064 031 007
20 8458 064 031 055
3.0 mm (Y) Straight
32
a loading only
20 8458 064 031 027
20 8458 064 031 051
●●●●
●
b
●●●●
●
a
64 contacts, rows a + b fully loaded
✕✕✕✕
✕
b
●●●●
●
a
32 contacts, row a loading only
✕●
✕●
✕
b
✕●
✕●
✕
a
32 contacts, rows a + b even loading
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 21, 22 & 23, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Installed using Flat Rock method (see page 66)
ROW B
ROW A
8.00
[0.315]
10.9
[0.429]
8.00
[0.315]
KEYING
Ø .0453
ROW B
ROW A
31 EQ. SP. @ 2.54 [0.100] = 78.74 [3.100]]
+.0000
-.0027
+0.00
-0.07
Ø 1.15
+.003
-.002
Ø .039
Ø 1.00
+0.08
-0.05
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
HOLE PATTERN
89.9
[3.543]
0.30
[0.010]
94.9
[3.736]
84.9
[3.342]
11.6
[0.457]
Y
4
3
89.9
[3.543]
31 EQ. SP. @ 2.54 [0.100] = 78.74 [3.100]
MOUNTING EAR
5.99
[0.236]
COMPLIANT SECTION
For Y dimension see contact design
DIA
2.54
[0.100]
2.84
[0.112]
DIA.
2.54
[0.100]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com