Electronic Components Datasheet Search
  English  ▼

X  

8458 Datasheet(PDF) 10 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 10 Page - AVX Corporation

Back Button 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation 8458 Datasheet HTML 10Page - AVX Corporation 8458 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
77
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 001 025
20 8458 128 001 049
5.3 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 002 025
20 8458 128 002 049
9.3 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 003 025
20 8458 128 003 049
16.2 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 004 025
20 8458 128 004 049
23.2 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 005 025
20 8458 128 005 049
13.2 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 009 025
20 8458 128 009 049
12.0 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 010 025
20 8458 128 010 049
20.3 mm (Y) Straight
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 012 025
20 8458 128 012 049
17.0 mm (Y) Straight
for 1.6 mm PCB's
0.6 x 0.6 mm Post Profile
128
a + b + c + d fully loaded
20 8458 128 031 025
20 8458 128 031 049
3.0 mm (Y) Straight
Female Style C Expanded Press-Fit
Series 8458 – 4 rows (4 x 32)
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
G
128
4 (4 x 32)
31
78.74
95.00
90.00
85.00
11.00
13.10
(3.100)
(3.740)
(3.543)
(3.346) (0.433)
(0.516)
●●●●
●
d
●●●●
●
c
●●●●
●
b
●●●●
●
a
128 contacts,
rows a + b + c + d fully loaded
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 21, 22 & 23, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Installed using Flat Rock method (see page 66)
Unit: millimeters (inches)
31 EQ. SP. @ 2.54 [0.100] = 78.74 [3.740]
95.0 [3.740] max
90.0
[3.540]
±0.10 [0.004]
85.0
[3.350]
-0.20 [0.008]
11.6
[0.457] max
5.08
[0.200]
13.2 -0.10
[0.512 -0.004]
11.1 -0.10
[0.437 -0.004]
0.60 [0.024] x 0.60 [0.024]
±0.25 ±0.010
2.54
[0.100]
2.54
[0.100]
Y
1
31 x 2.54 = 78.74 [31 x 0.100 = 3.10]
DRILLED HOLE
ø1.15 +0.00 -0.07 [ø0.045 +0.000 -0.003]
PLATED THRU HOLE
ø1.02 +0.08 -0.05 [ø0.040 +0.003 -0.002]
128 x
90.0
±0.1 [3.543 ± 0.004]
2 x ø2.9 -0.1
[2 x ø0.114 -0.004]
5.65
±0.05 [0.222 ±0.002]
2.54 [0.100]
2.54
[0.100]
0.30
[0.012]
d
c
b
a
3 x 2.54 = 7.62
[3 x 0.100 = 0.300]
HOLE PATTERN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com