Electronic Components Datasheet Search
  English  ▼

X  

8458 Datasheet(PDF) 7 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 7 Page - AVX Corporation

Back Button 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation 8458 Datasheet HTML 10Page - AVX Corporation 8458 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74
Female Style 1/2 C Press-Fit
Series 8458 – 3 rows (3 x 16)
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 001 025
20 8458 048 001 049
5.3 mm (Y) Straight
32
a + c fully loaded
20 8458 048 001 026
20 8458 048 001 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 002 025
20 8458 048 002 049
9.3 mm (Y) Straight
32
a + c fully loaded
20 8458 048 002 026
20 8458 048 002 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 003 025
20 8458 048 003 049
16.2 mm (Y) Straight
32
a + c fully loaded
20 8458 048 003 026
20 8458 048 003 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 004 025
20 8458 048 004 049
23.2 mm (Y) Straight
32
a + c fully loaded
20 8458 048 004 026
20 8458 048 004 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 005 025
20 8458 048 005 049
13.2 mm (Y) Straight
32
a + c fully loaded
20 8458 048 005 026
20 8458 048 005 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 009 025
20 8458 048 009 049
12.0 mm (Y) Straight
32
a + c fully loaded
20 8458 048 009 026
20 8458 048 009 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 010 025
20 8458 048 010 049
20.3 mm (Y) Straight
32
a + c fully loaded
20 8458 048 010 026
20 8458 048 010 050
for
≥ 2.4 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 012 025
20 8458 048 012 049
17.0 mm (Y) Straight
32
a + c fully loaded
20 8458 048 012 026
20 8458 048 012 050
for 1.6 mm PCB's
0.6 x 0.6 mm Post Profile
48
a + b + c fully loaded
20 8458 048 031 025
20 8458 048 031 049
3.0 mm (Y) Straight
32
a + c fully loaded
20 8458 048 031 026
20 8458 048 031 050
48 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 21, 22 & 23, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Installed using Flat Rock method (see page 66)
ROW B
ROW A
10.5
[0.413]
13.4
[0.528]
KEYING
Ø .0453
ROW B
ROW A
+.0000
-.0027
+0.00
-0.07
Ø 1.15
+.003
-.002
Ø .040
Ø 1.02
+0.08
-0.05
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
D
C
E
Y
4
3
D
MOUNTING EAR
COMPLIANT SECTION
For Y dimension see contact design
ROW C
ROW C
DIA.
A EQ.SP. @ 2.54 [0.100] = B
10.5
[0.413]
DIA
2.54
[0.100]
8.51
[0.335]
2.54
[0.100]
2.54
[0.100]
2.84
[0.112]
A EQ SP @ 2.54 [0.100] = B
HOLE PATTERN
0.30
[0.010]
11.6
[0.457]
1
Unit: millimeters (inches)
No. Contact
Positions
48
Contact
Rows
3 (3 x 16)
A
15
B
38.10 (1.500)
C
54.99 (2.165)
D
44.99 (1.771)
E
44.40 (1.748)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com