Electronic Components Datasheet Search
  English  ▼

X  

8477 Datasheet(PDF) 4 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 4 Page - AVX Corporation

  8477 Datasheet HTML 1Page - AVX Corporation 8477 Datasheet HTML 2Page - AVX Corporation 8477 Datasheet HTML 3Page - AVX Corporation 8477 Datasheet HTML 4Page - AVX Corporation 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
54
Male Style Q
Series 8477 – 2 rows (2 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
64
a + b fully loaded
10 8477 064 001 025
10 8477 064 001 049
32
a + b even loading
10 8477 064 001 031
10 8477 064 001 055
2.9 mm (Y)
32
a loading only
10 8477 064 001 027
10 8477 064 001 051
Straight
62 + 2
fully loaded + ground
10 8477 064 101 025
10 8477 064 101 049
64
a + b fully loaded
10 8477 064 002 025
10 8477 064 002 049
32
a + b even loading
10 8477 064 002 031
10 8477 064 002 055
4.5 mm (Y)
32
a loading only
10 8477 064 002 027
10 8477 064 002 051
Straight
62 + 2
fully loaded + ground
10 8477 064 102 025
10 8477 064 102 049
64
a + b fully loaded
10 8477 064 005 025
10 8477 064 005 049
9.5 mm (Y)
32
a + b even loading
10 8477 064 005 031
10 8477 064 005 055
Straight
32
a loading only
10 8477 064 005 027
10 8477 064 005 051
64
a + b fully loaded
10 8477 064 006 025
10 8477 064 006 049
13.0 mm (Y)
32
a + b even loading
10 8477 064 006 031
10 8477 064 006 055
Straight
32
a loading only
10 8477 064 006 027
10 8477 064 006 051
64
a + b fully loaded
10 8477 064 007 025
10 8477 064 007 049
14.9 mm (Y)
32
a + b even loading
10 8477 064 007 031
10 8477 064 007 055
Straight
32
a loading only
10 8477 064 007 027
10 8477 064 007 051
DIMENSIONS
LOADING DESCRIPTION
●●●●
●
b
●●●●
●
a
✕●
✕●
✕
b
✕●
✕●
✕
a
64 contacts, rows a + b fully loaded
✕✕✕✕
✕
b
●●●●
●
a
●●●●
●
b
●●●●
●
a
32 contacts, rows a + b even loading
32 contacts, row a loading only
62 + 2 contacts, fully loaded
with ground in A1 & A32
denotes ground pin
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
64
2 (2 x 32)
31
78.74
85.29
87.91
90.0
94.89
(3.100)
(3.358)
(3.461) (3.543)
(3.736)
Unit: millimeters (inches)
NB: Alternative Prefix Variations Available: 12, 14, 15, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
F
A EQ SP @ 2.54 [0.100] = B
E
A EQ SP @ 2.54 [0.100] = B
HOLE PATTERN
For Y dimension
see contact design
ROW A
ROW B
E
ROW A
ROW B
C
KEYING
GROUND
CONTACT
1
D
Y
0.30
[0.012]
6.20
[0.244]
2.54
[0.100]
DIA.
8.50
[0.335]
8.51
[0.335]
11.1
[0.437]
2.54
[0.100]
1.02
[0.040]
DIA.
2.84
[0.112]
DIA.
0.30
[0.012]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com