Electronic Components Datasheet Search
  English  ▼

X  

8477 Datasheet(PDF) 9 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 9 Page - AVX Corporation

Back Button 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation 8477 Datasheet HTML 10Page - AVX Corporation 8477 Datasheet HTML 11Page - AVX Corporation 8477 Datasheet HTML 12Page - AVX Corporation 8477 Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
59
Male Style R
Series 8477 – 3 rows (3 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
96
a + b + c fully loaded
10 8477 096 001 025
10 8477 096 001 049
64
a + c fully loaded
10 8477 096 001 026
10 8477 096 001 050
32
a + c even loading
10 8477 096 001 033
10 8477 096 001 057
2.9 mm (Y)
32
a loading only
10 8477 096 001 027
10 8477 096 001 051
Straight
94 + 2
fully loaded + ground
10 8477 096 101 025
10 8477 096 101 049
96
a + b + c fully loaded
10 8477 096 002 025
10 8477 096 002 049
64
a + c fully loaded
10 8477 096 002 026
10 8477 096 002 050
32
a + c even loading
10 8477 096 002 033
10 8477 096 002 057
4.5 mm (Y)
32
a loading only
10 8477 096 002 027
10 8477 096 002 051
Straight
94 + 2
fully loaded + ground
10 8477 096 102 025
10 8477 096 102 049
96
a + b + c fully loaded
10 8477 096 005 025
10 8477 096 005 049
64
a + c fully loaded
10 8477 096 005 026
10 8477 096 005 050
9.5 mm (Y)
32
a + c even loading
10 8477 096 005 033
10 8477 096 005 057
Straight
32
a loading only
10 8477 096 005 027
10 8477 096 005 051
96
a + b + c fully loaded
10 8477 096 006 025
10 8477 096 006 049
64
a + c fully loaded
10 8477 096 006 026
10 8477 096 006 050
32
a + c even loading
10 8477 096 006 033
10 8477 096 006 057
13.0 mm (Y)
32
a loading only
10 8477 096 006 027
10 8477 096 006 051
Straight
94 + 2
fully loaded + ground
10 8477 096 106 025
10 8477 096 106 049
96
a + b + c fully loaded
10 8477 096 007 025
10 8477 096 007 049
64
a + c fully loaded
10 8477 096 007 026
10 8477 096 007 050
14.9 mm (Y)
32
a + c even loading
10 8477 096 007 033
10 8477 096 007 057
Straight
32
a loading only
10 8477 096 007 027
10 8477 096 007 051
96
a + b + c fully loaded
10 8477 096 009 025
10 8477 096 009 049
64
a + c fully loaded
10 8477 096 009 026
10 8477 096 009 050
8.8, 11.5, 8.8 mm (Y)
32
a + c even loading
10 8477 096 009 033
10 8477 096 009 057
Solder Hole
32
a loading only
10 8477 096 009 027
10 8477 096 009 051
96
a + b + c fully loaded
10 8477 096 010 025
10 8477 096 010 049
64
a + c fully loaded
10 8477 096 010 026
10 8477 096 010 050
7.5, 10.2, 7.5 mm (Y)
32
a + c even loading
10 8477 096 010 033
10 8477 096 010 057
Solder Loop
32
a loading only
10 8477 096 010 027
10 8477 096 010 051
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
96
3 (3 x 32)
31
78.74
85.29
87.91
89.99
94.89
(3.100)
(3.358)
(3.461)
(3.543)
(3.736)
32 contacts,
rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
64 contacts,
rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
96 contacts,
rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
94 + 2 contacts, fully loaded
with ground in A1 & A32
●●●●
●
c
●●●●
●
b
●●●●
●
a
denotes ground pin
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 12, 14, 15, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
F
E
HOLE PATTERN
ROW A
ROW C
E
ROW A
ROW B
C
KEYING
1
D
Y
1
ROW B
ROW C
8.74
[0.344]
11.0
[0.433]
2.80
[0.110]
DIA.
0.30
[0.012]
11.0
[0.433]
13.6
[0.535]
For Y dimension
see contact design
GROUND
CONTACT
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
1.02
[0.040]
DIA.
0.30
[0.012]
2.84
[0.112]
DIA.
A EQ SP @ 2.54 [0.100] = B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com