Electronic Components Datasheet Search
  English  ▼

X  

8477 Datasheet(PDF) 5 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 5 Page - AVX Corporation

  8477 Datasheet HTML 1Page - AVX Corporation 8477 Datasheet HTML 2Page - AVX Corporation 8477 Datasheet HTML 3Page - AVX Corporation 8477 Datasheet HTML 4Page - AVX Corporation 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
55
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
30
a + b + c fully loaded
10 8477 030 001 025
10 8477 030 001 049
20
a + c fully loaded
10 8477 030 001 026
10 8477 030 001 050
10
a + c even loading
10 8477 030 001 033
10 8477 030 001 057
2.9 mm (Y)
10
a loading only
10 8477 030 001 027
10 8477 030 001 051
Straight
28 + 2
fully loaded + ground
10 8477 030 101 025
10 8477 030 101 049
30
a + b + c fully loaded
10 8477 030 002 025
10 8477 030 002 049
20
a + c fully loaded
10 8477 030 002 026
10 8477 030 002 050
10
a + c even loading
10 8477 030 002 033
10 8477 030 002 057
4.5 mm (Y)
10
a loading only
10 8477 030 002 027
10 8477 030 002 051
Straight
28 + 2
fully loaded + ground
10 8477 030 102 025
10 8477 030 102 049
30
a + b + c fully loaded
10 8477 030 005 025
10 8477 030 005 049
20
a + c fully loaded
10 8477 030 005 026
10 8477 030 005 050
9.5 mm (Y)
10
a + c even loading
10 8477 030 005 033
10 8477 030 005 057
Straight
10
a loading only
10 8477 030 005 027
10 8477 030 005 051
30
a + b + c fully loaded
10 8477 030 006 025
10 8477 030 006 049
20
a + c fully loaded
10 8477 030 006 026
10 8477 030 006 050
10
a + c even loading
10 8477 030 006 033
10 8477 030 006 057
13.0 mm (Y)
10
a loading only
10 8477 030 006 027
10 8477 030 006 051
Straight
28 + 2
fully loaded + ground
10 8477 030 106 025
10 8477 030 106 049
96
a + b + c fully loaded
10 8477 030 007 025
10 8477 030 007 049
64
a + c fully loaded
10 8477 030 007 026
10 8477 030 007 050
14.9 mm (Y)
32
a + c even loading
10 8477 030 007 033
10 8477 030 007 057
Straight
32
a loading only
10 8477 030 007 027
10 8477 030 007 051
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
30
3 (3 x 10)
9
22.86
29.44
32.12
34.76
39.76
(0.900)
(1.159)
(1.265)
(1.368) (1.565)
Male Style 1/3 R
Series 8477 – 3 rows (3 x 10) Inverted
LOADING DESCRIPTION
30 contacts,
rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
10 contacts,
rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
20 contacts,
rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
10 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
28 + 2 contacts, fully loaded
with ground in A1 & A10
●●●●
●
c
●●●●
●
b
●●●●
●
a
denotes ground pin
DIMENSIONS
Unit: millimeters (inches)
NB: Alternative Prefix Variations Available: 12, 14, 15, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
HOLE PATTERN
For Y dimension
see contact design
ROW A
ROW C
8.74
[0.344]
E
ROW A
ROW B
2.80
[0.110]
11.0
[0.433]
C
11.0
[0.433]
13.6
[0.535]
KEYING
GROUND
CONTACT
1
Y
1
ROW B
ROW C
DIA.
A EQ SP @ 2.54 [0.100] = B
0.30
[0.012]
F
E
D
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
2.54
[0.100]
1.02
[0.040]
DIA.
2.84
[0.112]
DIA.
0.30
[0.012]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com