Electronic Components Datasheet Search
  English  ▼

X  

8477 Datasheet(PDF) 7 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 7 Page - AVX Corporation

Back Button 8477 Datasheet HTML 3Page - AVX Corporation 8477 Datasheet HTML 4Page - AVX Corporation 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation 8477 Datasheet HTML 10Page - AVX Corporation 8477 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
57
Male Style 1/2 R
Series 8477 – 3 rows (3 x 16) Inverted
DIMENSIONS
LOADING DESCRIPTION
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
48
a + b + c fully loaded
10 8477 048 001 025
10 8477 048 001 049
32
a + c fully loaded
10 8477 048 001 026
10 8477 048 001 050
16
a + c even loading
10 8477 048 001 033
10 8477 048 001 057
2.9 mm (Y)
16
a loading only
10 8477 048 001 027
10 8477 048 001 051
Straight
46 + 2
fully loaded + ground
10 8477 048 101 025
10 8477 048 101 049
48
a + b + c fully loaded
10 8477 048 002 025
10 8477 048 002 049
32
a + c fully loaded
10 8477 048 002 026
10 8477 048 002 050
16
a + c even loading
10 8477 048 002 033
10 8477 048 002 057
4.5 mm (Y)
16
a loading only
10 8477 048 002 027
10 8477 048 002 051
Straight
46 + 2
fully loaded + ground
10 8477 048 102 025
10 8477 048 102 049
48
a + b + c fully loaded
10 8477 048 005 025
10 8477 048 005 049
32
a + c fully loaded
10 8477 048 005 026
10 8477 048 005 050
9.5 mm (Y)
16
a + c even loading
10 8477 048 005 033
10 8477 048 005 057
Straight
16
a loading only
10 8477 048 005 027
10 8477 048 005 051
48
a + b + c fully loaded
10 8477 048 006 025
10 8477 048 006 049
32
a + c fully loaded
10 8477 048 006 026
10 8477 048 006 050
16
a + c even loading
10 8477 048 006 033
10 8477 048 006 057
13.0 mm (Y)
16
a loading only
10 8477 048 006 027
10 8477 048 006 051
Straight
46 + 2
fully loaded + ground
10 8477 048 106 025
10 8477 048 106 049
48
a + b + c fully loaded
10 8477 048 007 025
10 8477 048 007 049
32
a + c fully loaded
10 8477 048 007 026
10 8477 048 007 050
14.9 mm (Y)
16
a + c even loading
10 8477 048 007 033
10 8477 048 007 057
Straight
16
a loading only
10 8477 048 007 027
10 8477 048 007 051
48 contacts,
rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
denotes ground pin
16 contacts,
rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
32 contacts,
rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
48
3 (3 x 16)
15
38.10
44.70
47.29
49.99
54.91
(1.500)
(1.760)
(1.862)
(1.968) (2.162)
16 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
46 + 2 contacts, fully loaded
with ground in A1 & A16
●●●●
●
c
●●●●
●
b
●●●●
●
a
Unit: millimeters (inches)
NB: Alternative Prefix Variations Available: 12, 14, 15, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
HOLE PATTERN
ROW A
ROW C
E
ROW A
ROW B
KEYING
1
Y
1
ROW B
ROW C
C
A EQ SP @ 2.54 [0.100] = B
8.74
[0.344]
11.0
[0.433]
2.80
[0.110]
DIA.
F
E
D
0.30
[0.012]
11.0
[0.433]
13.6
[0.535]
For Y dimension
see contact design
GROUND
CONTACT
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
1.02
[0.040]
DIA.
0.30
[0.012]
2.54
[0.100]
2.84
[0.112]
DIA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com