Electronic Components Datasheet Search
  English  ▼

X  

8477 Datasheet(PDF) 1 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 1 Page - AVX Corporation

  8477 Datasheet HTML 1Page - AVX Corporation 8477 Datasheet HTML 2Page - AVX Corporation 8477 Datasheet HTML 3Page - AVX Corporation 8477 Datasheet HTML 4Page - AVX Corporation 8477 Datasheet HTML 5Page - AVX Corporation 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
51
Female Style 1/2 Q
Series 8477 – 2 rows (2 x 16) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
64
a + b fully loaded
20 8477 032 002 025
20 8477 032 002 049
0.6 x 0.6 mm Post Profile
32
a + b all even loading
20 8477 032 002 031
20 8477 032 002 055
3.0 mm (Y) Right Angled
32
a loading only
20 8477 032 002 027
20 8477 032 002 051
32
a + b fully loaded
20 8477 032 008 025
20 8477 032 008 049
0.6 x 0.6 mm Post Profile
16
a + b all even loading
20 8477 032 008 031
20 8477 032 008 055
11.43 mm (Y) Right Angled
16
a loading only
20 8477 032 008 027
20 8477 032 008 051
32
a + b fully loaded
20 8477 032 012 025
20 8477 032 012 049
0.6 x 0.6 mm Post Profile
16
a + b all even loading
20 8477 032 012 031
20 8477 032 012 055
4.5 mm (Y) Right Angled
16
a loading only
20 8477 032 012 027
20 8477 032 012 051
DIMENSIONS
LOADING DESCRIPTION
●●●●
●
b
●●●●
●
a
✕●
✕●
✕
b
✕●
✕●
✕
a
32 contacts, rows a + b fully loaded
✕✕✕✕
✕
b
●●●●
●
a
16 contacts, rows a + b even loading
16 contacts, row a loading only
No. Contact
Contact
Positions
Rows
A
B
C
D
E
32
2 (2 x 16)
15
38.10
53.90
48.26
44.30
(1.500)
(2.122)
(1.900)
(1.744)
NB: Prefix Variations Available: 22, 26 & 27, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
C
A EQ SP @ 2.54 [0.100] = B
D
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
1.02
[0.040]
2.84
[0.112]
HOLE PATTERN
For Y dimension
see contact design
ROW A
ROW B
5.94
[0.234]
D
ROW B
ROW A
8.00
[0.315]
10.9
[0.429]
2.54
[0.100]
8.00
[0.315]
E
D
2.54
[0.100]
5.31
[0.209]
5.08 [0.200]
Y
KEYING
DIA.
DIA.
DIA.
1


Similar Part No. - 8477

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8477 ETC2-8477 Datasheet
320Kb / 1P
HOLE PLUGS and BUSHINGS
logo
Belden Inc.
8477 BELDEN-8477 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
logo
Keystone Electronics Co...
8477 KEYSTONE-8477 Datasheet
313Kb / 1P
HOLE PLUGS & BUSHINGS
31-07 20th
8477 KEYSTONE-8477 Datasheet
83Kb / 1P
GROMMETS, BUMPERS & BUSHINGS
31-07 20th
logo
Belden Inc.
8477.0601000 BELDEN-8477.0601000 Datasheet
174Kb / 2P
Electronic, 2 C #12 Str TC, PVC Ins, PVC Jkt, CL3R
03-04-2023
More results

Similar Description - 8477

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100103210114 ERNI-100103210114 Datasheet
72Kb / 1P
Federleiste Q/2 32 Lot female con.
logo
AVX Corporation
8457 AVX-8457 Datasheet
362Kb / 12P
Male Style 1/2 B
8458 AVX-8458 Datasheet
498Kb / 11P
Male Style 1/2 B Press-Fit
8557 AVX-8557 Datasheet
142Kb / 4P
Male Style 1/2 C High Temperature
8577 AVX-8577 Datasheet
192Kb / 6P
Female Style 1/2 R High Temperature
logo
Huber+Suhner, Inc.
43_BNC-50-0-1133_N HUBERSUHNER-43_BNC-50-0-1133_N Datasheet
482Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_BNC-75-0-1133_N HUBERSUHNER-43_BNC-75-0-1133_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_N-50-0-1133_N HUBERSUHNER-43_N-50-0-1133_N Datasheet
490Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_SMA-50-0-1111_N HUBERSUHNER-43_SMA-50-0-1111_N Datasheet
499Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
43_SMB-50-0-2111_N HUBERSUHNER-43_SMB-50-0-2111_N Datasheet
491Kb / 2P
COAXIAL ADAPTER, SMB, 50 Ohm, T-style, 1 plug (male), 2 jacks (female)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com