Electronic Components Datasheet Search
  English  ▼

X  

100034 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  100034 Datasheet HTML 1Page - PHOENIX CONTACT 100034 Datasheet HTML 2Page - PHOENIX CONTACT 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
5
Safety Notes and Warning Instructions
To ensure that the device can be operated safely and all
functions can be used, please read these instructions
carefully.
Installation
Figure 3
Convection
The power supply unit can be snapped onto all DIN rails
according to EN 60715 and must be mounted horizontally
(connection terminal blocks facing downwards).
Danger
The device contains dangerous live elements
and high levels of stored energy.
Never carry out work when the power is turned
on.
Risk of burns
The housing temperature can reach high
values depending on the ambient temperature
and the load of the device.
QUINT POWER is a built-in device. Installation
and startup must only be carried out by
qualified personnel. The relevant country-
specific regulations (e.g., VDE, DIN) must also
be observed.
Before startup please ensure:
–
The mains has been connected correctly
and protection is provided against electric
shock.
–
The device can be switched off outside the
power supply according to EN 60950
regulations (e.g., by the line protection on
the primary side).
–
The protective conductor is connected.
–
All supply lines have sufficient fuse
protection and are the correct size.
–
All output cables are the correct size for
the maximum device output current or
have separate fuse protection.
–
Sufficient convection is ensured.
Risk of burns
The housing temperature can reach high
values depending on the ambient temperature
and the load of the device.
To ensure sufficient convection, the following
minimum spacing is required between other
modules:
5 cm above and below the device.
No minimum spacing to other modules at the
sides is required for proper operation of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com