Electronic Components Datasheet Search
  English  ▼

X  

100034 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT 100034 Datasheet HTML 10Page - PHOENIX CONTACT 100034 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
10
Signal Loop
Figure 12
Signal loop
The two signal outputs described above can be easily
combined.
Example: Monitoring two devices
Use the active alarm output of device 1 and loop in the
floating alarm output of device 2. In the event of an error, a
group error message is output. Any number of devices can
be looped. This signal combination saves wiring costs and
logic inputs.
Status Indicator: DC OK LED
The green DC OK LED enables local function evaluation in
the control cabinet.
Function
Output Characteristic Curve
Figure 13
Output characteristic curve
At ambient operating temperatures Tamb <+40°C, the
device can continuously supply an IBOOST current at
nominal voltage. In the event of heavier loads the working
point demonstrates the U/I characteristic curve shown in
the figure. The output current is limited to IBOOST. The
secondary voltage is reduced until the short circuit on the
secondary side is removed.
The U/I characteristic curve ensures that both heavy
capacitive loads and loads with DC/DC converters can be
supplied by QUINT POWER in the input circuit. Connected
fuses are tripped. The selectivity in your system
configuration is ensured at all times.
–
UN = +24 V
–
IN = 20 A
–
IBOOST = 27 A
–
PN = 480 W
–
PBOOST = 624 W
DC OK
+
Output
13
Output
14
+ - -
++
13
13
14
14
++
--
--
12
DC OK LED
ON
Flashing
OFF
Active DC OK
switching output
U = +24 V (with reference to "-") U = 0 V (with reference to "-")
U = 0 V (with reference to "-")
Floating DC OK
output
Closed
Open
Open
Cause
Output voltage greater than 90%
of the set voltage
Output voltage less than 90% of
the set voltage
No voltage at the output
Meaning
Output voltage and current OK
QUINT POWER operating, but:
–
Error at the load
–
Current consumption
greater than IBOOST
–
Output short circuit
QUINT POWER not operating,
because:
–
No mains voltage present
–
The primary side fuse has
blown
–
The device is faulty
P
BOOST
I
BOOST
P
N
IN
< 40°C
< 60°C
U
[V]
U
OUT
N
I
[A]
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com