Electronic Components Datasheet Search
  English  ▼

X  

100034 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT 100034 Datasheet HTML 10Page - PHOENIX CONTACT 100034 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
8
Connection of the Connecting Cable
Use a screwdriver with the correct blade width for wiring.
The cable cross sections listed in the table on the right can
be connected.
For reliable and safe-to-touch connections, strip the cable
ends according to the table.
Input (1)
The 3 x 400...500 V AC connection is made using the
L1, L2, L3, and
5 screw connections.
Figure 8
Input
Fuses
Three external thermomagnetic fuses are required to
protect the device. Even in the event of a phase failure,
continuous operation is ensured with nominal load.
Recommended Backup Fuse
3 x circuit breaker 6 A, 10 A or 16 A, Characteristic B
(or equivalent).
Protecting the Primary Side
The device must be installed according to the specifications
of EN 60950.
Solid
Stranded
AWG
Torque
Stripping
Length
[mm²]
[Nm]
[mm]
Input
0.2...6
0.2...4
25...10
0.5...0.6
8 mm
Output
0.5...16
0.5...10
20...6
1.2...1.5
10 mm
Signal
0.5...16
0.5...10
20...6
1.2...1.5
10 mm
If an external fuse is blown, this is most
probably due to a device fault. In this case, the
device should be checked in the factory.
A suitable fuse should be provided for DC
applications.
It must be possible to switch off the device
using a suitable disconnecting device outside
the power supply.
For example, primary side line protection could
be used.
DC
DC
OK
13
Ou
tpu
t D
C
24V
20A
Output
DC
24V
20A
DC
O
K
DC
OK
Ad
jus
t
Adjust
22
,5-2
8,5
V
22,5-28,5V
Input
3 A
C
40
0-500V
Input
3 A
C
400-500V
L1
L2
L3
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com