Electronic Components Datasheet Search
  English  ▼

X  

100034 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT 100034 Datasheet HTML 10Page - PHOENIX CONTACT 100034 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
7
Narrow Mounting Position
Figure 6
Narrow mounting position (example)
A narrow mounting position can be achieved by mounting
the module onto the DIN rail at a 90° angle. Mount the
DIN rail adapter (UTA 107) as shown in Figure 6.
No additional assembly material is required.
Mounting screws: Torx T10 (torque 0.8...0.9 Nm).
Connection of Various Types of Network: 3 x 400...500 V AC Networks
Figure 7 illustrates the connection of various types of
network. In the event of a phase failure, continuous
operation is ensured with nominal power.
Figure 7
3 x 400...500 V AC networks
+ -
+ -
+ -
+ -
L1
L2
L3
N
PE
L1
L2
L3
PEN
L1
L2
L3
N
L1
L2
L3
L1
PE
L2 L3
L1 L2 L3 PE
L1 L2 L3 PE
L1
L2 L3 PE
TN-S
TN-C
TT
iT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com