Electronic Components Datasheet Search
  English  ▼

X  

100034 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 100034
Description  QUINT-PS-3x400-500AC/24DC/20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

100034 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 100034 Datasheet HTML 3Page - PHOENIX CONTACT 100034 Datasheet HTML 4Page - PHOENIX CONTACT 100034 Datasheet HTML 5Page - PHOENIX CONTACT 100034 Datasheet HTML 6Page - PHOENIX CONTACT 100034 Datasheet HTML 7Page - PHOENIX CONTACT 100034 Datasheet HTML 8Page - PHOENIX CONTACT 100034 Datasheet HTML 9Page - PHOENIX CONTACT 100034 Datasheet HTML 10Page - PHOENIX CONTACT 100034 Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
QUINT-PS-3x400-500AC/24DC/20
100034_04_en
PHOENIX CONTACT
9
Output
Figure 9
Output
Connecting the Output
The connection is made using the "+" and "-" screw
connections on the screw connection
2. The output
voltage set upon delivery is 24 V DC. The output voltage
can be set on the potentiometer
5.
Protecting the Secondary Side
The device is electronically short-circuit-proof and idling-
proof. In the event of an error, the output voltage is limited
to a maximum of 35 V DC.
Signaling
The two DC OK outputs are for preventive function
monitoring of the power supply unit. A floating signal
contact
4 and an active DC OK signal 3 are available. In
addition, the DC OK LED
6 can be used to evaluate the
function of the power supply directly at the installation
location (see "Status Indicator: DC OK LED" on page 10).
Floating Contact
Figure 10
Floating contact
When opened, the floating signal contact indicates that the
output voltage has fallen more than 10% below the set
value. Signals and ohmic loads up to a maximum of 30 V
and currents up to a maximum of 1 A can be switched.
Active Signal Output
Figure 11
Active signal output
The 24 V DC signal is between the "DC OK" and "-"
connection terminal blocks and can be loaded with 40 mA
maximum. This signal output indicates that the output
voltage has fallen more than 10% below the set value when
"active high" changes to "low". The DC OK signal is isolated
from the power output. This ensures that a separate supply
does not enter from devices connected in parallel.
The 24 V DC signal can be connected directly to a logic
input for evaluation.
Make sure that all output cables are the correct
size for the maximum output current or have
separate fuse protection.
The cable cross sections in the secondary
circuit must be large enough to keep the
voltage drops on the cables as low as possible.
DC
OK
OK
13
Output
DC
24V
20A
DC
O
K
DC
OK
Ad
ju
st
Adjust
22
,5-2
8,5
V
22,5-28,5V
In
pu
t 3
AC
400
-50
0V
Input
3 A
C
400-500V
L1
L2
L3
L1
L2
L3
14
5
6
DC
DC
OK
OK
13
13
Output
DC
24V
20A
Output
DC
24V
20A
14
14
2
3
4
With heavy inductive loads, e.g., a relay, a
suitable protective circuit (e.g., free-wheeling
diode) is required.
DC OK
+ +
+ +
13 14
- -
30 V AC/DC, 1 A, maximum
DC OK
24 V DC
40 mA
+ +
+ +
13 14
- -



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com