Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8065
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 4 Page - Analog Devices

  AD8065 Datasheet HTML 1Page - Analog Devices AD8065 Datasheet HTML 2Page - Analog Devices AD8065 Datasheet HTML 3Page - Analog Devices AD8065 Datasheet HTML 4Page - Analog Devices AD8065 Datasheet HTML 5Page - Analog Devices AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Conditions
Output Capacitance
2
pF
DAC latches loaded with all 0s
4
pF
DAC latches loaded with all 1s
Digital Feedthrough
5
nV-s
Feedthrough to DAC output with CS high
and alternate loading of all 0s and all 1s
Total Harmonic Distortion
−75
dB
VREF = 5 V p-p, all 1s loaded, f = 1 kHz
−75
dB
VREF = 5 V, sine wave generated from
digital code
Output Noise Spectral Density
25
nV/√Hz
@ 1 kHz
SFDR PERFORMANCE (Wideband)
AD5449, 65 k codes, VREF = 3.5 V
Clock = 10 MHz
500 kHz fout
55
dB
100 kHz fout
63
dB
50 kHz fout
65
dB
Clock = 25 MHz
500 kHz fout
50
dB
100 kHz fout
60
dB
50 kHz fout
62
dB
SFDR PERFORMANCE (Narrow Band)
AD5449, 65 k codes, VREF = 3.5 V
Clock = 10 MHz
500 kHz fout
73
dB
100 kHz fout
80
dB
50 kHz fout
87
dB
Clock = 25 MHz
500 kHz fout
70
dB
100 kHz fout
75
dB
50 kHz fout
80
dB
INTERMODULATION DISTORTION
AD5449, 65 k codes, VREF = 3.5 V
Clock = 10 MHz
f1 = 400 kHz, f2 = 500 kHz
65
dB
f1 = 40 kHz, f2 = 50 kHz
72
dB
Clock = 25 MHz
f1 = 400 kHz, f2 = 500 kHz
51
dB
f1 = 40 kHz, f2 = 50 kHz
65
dB
POWER REQUIREMENTS
Power Supply Range
2.5
5.5
V
IDD
10
µA
Logic inputs = 0 V or VDD
Power Supply Sensitivity1
0.001
%/%
∆VDD = ±5%
1 Guaranteed by design and characterization, not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com