Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8065
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 14 of 32
–90
–70
–50
–30
–10
0
FREQUENCY (MHz)
–80
–60
–40
–20
0
0.5
1.5
3.0
3.5
4.0
1.0
2.0
2.5
4.5
5.0
TA = 25°C
VDD = 5V
AMP = AD8038
65k CODES
Figure 30. Wideband SFDR, fOUT = 50 kHz, Clock = 10 MHz
FREQUENCY (MHz)

TA = 25°C
VDD = 3V
AMP = AD8038
65k CODES
–100
–70
–50
–30
–10
250
750
300
350
400
650
700
–80
–60
–40
–20
0
–90
450
500
550
600
Figure 31. Narrow-Band Spectral Response, fOUT = 500 kHz, Clock = 25 MHz
–120
–60
–20
50
150
FREQUENCY (MHz)
60
70
80
130
140
–80
–40
0
20
–100
90
100
110
120

TA = 25°C
VDD = 3V
AMP = AD8038
65k CODES
Figure 32. Narrow-Band SFDR, fOUT = 100 kHz, Clock = 25 MHz
FREQUENCY (MHz)
–100
–70
–50
–30
–10
70
120
75
80
85
115
–80
–60
–40
–20
0
–90
90
100
105
110

TA = 25°C
VDD = 3V
AMP = AD8038
65k CODES
95
Figure 33. Narrow-Band IMD, fOUT = 90 kHz, 100 kHz, Clock = 10 MHz
–100
–40
–20
–50
–30
–10
–90
–60
–70
–80
0
400
FREQUENCY (kHz)
50
300
350
100
150
200
250
0

TA = 25°C
VDD = 5V
AMP = AD8038
65k CODES
Figure 34. Wideband IMD, fOUT = 90 kHz, 100 kHz, Clock = 25 MHz
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
AMP = AD8038
FULL SCALE LOADED TO DAC
ZERO SCALE LOADED TO DAC
0
50
100
150
200
250
300
MIDSCALE LOADED TO DAC
Figure 35. Output Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com