Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8065
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8065 Datasheet HTML 6Page - Analog Devices AD8065 Datasheet HTML 7Page - Analog Devices AD8065 Datasheet HTML 8Page - Analog Devices AD8065 Datasheet HTML 9Page - Analog Devices AD8065 Datasheet HTML 10Page - Analog Devices AD8065 Datasheet HTML 11Page - Analog Devices AD8065 Datasheet HTML 12Page - Analog Devices AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
50
100
150
200
250
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 6. INL vs. Code (8-Bit DAC)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 7. INL vs. Code (10-Bit DAC)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 8. INL vs. Code (12-Bit DAC)
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
50
100
150
200
250
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 9. DNL vs. Code (8-Bit DAC)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
200
400
600
800
1000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 10. DNL vs. Code (10-Bit DAC)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
2000
1500
500
1000
0
2500
3000
3500
4000
CODE
TA = 25°C
VREF = 10V
VDD = 5V
Figure 11. DNL vs. Code (12-Bit DAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com