Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8065
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices AD8065 Datasheet HTML 29Page - Analog Devices AD8065 Datasheet HTML 30Page - Analog Devices AD8065 Datasheet HTML 31Page - Analog Devices AD8065 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 28 of 32
OVERVIEW OF AD54xx DEVICES
Table 13.
Part No.
Resolution
No. DACs
INL (LSB)
Interface
Package
Features
AD5424
8
1
±0.25
Parallel
RU-16, CP-20
10 MHz BW, 17 ns CS Pulse Width
AD5426
8
1
±0.25
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5428
8
2
±0.25
Parallel
RU-20
10 MHz BW, 17 ns CS Pulse Width
AD5429
8
2
±0.25
Serial
RU-10
10 MHz BW, 50 MHz Serial
AD5450
8
1
±0.25
Serial
RJ-8
10 MHz BW, 50 MHz Serial
AD5432
10
1
±0.5
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5433
10
1
±0.5
Parallel
RU-20, CP-20
10 MHz BW, 17 ns CS Pulse Width
AD5439
10
2
±0.5
Serial
RU-16
10 MHz BW, 50 MHz Serial
AD5440
10
2
±0.5
Parallel
RU-24
10 MHz BW, 17 ns CS Pulse Width
AD5451
10
1
±0.25
Serial
RJ-8
10 MHz BW, 50 MHz Serial
AD5443
12
1
±1
Serial
RM-10
10 MHz BW, 50 MHz Serial
AD5444
12
1
±0.5
Serial
RM-8
10 MHz BW, 50 MHz Serial
AD5415
12
2
±1
Serial
RU-24
10 MHz BW, 58 MHz Serial
AD5445
12
2
±1
Parallel
RU-20, CP-20
10 MHz BW, 17 ns CS Pulse Width
AD5447
12
2
±1
Parallel
RU-24
10 MHz BW, 17 ns CS Pulse Width
AD5449
12
2
±1
Serial
RU-16
10 MHz BW, 50 MHz Serial
AD5452
12
1
±0.5
Serial
RJ-8, RM-8
10 MHz BW, 50 MHz Serial
AD5446
14
1
±1
Serial
RM-8
10 MHz BW, 50 MHz Serial
AD5453
14
1
±2
Serial
UJ-8, RM-8
10 MHz BW, 50 MHz Serial
AD5553
14
1
±1
Serial
RM-8
4 MHz BW, 50 MHz Serial Clock
AD5556
14
1
±1
Parallel
RU-28
4 MHz BW, 20 ns WR Pulse Width
AD5555
14
2
±1
Serial
RM-8
4 MHz BW, 50 MHz Serial Clock
AD5557
14
2
±1
Parallel
RU-38
4 MHz BW, 20 ns WR Pulse Width
AD5543
16
1
±2
Serial
RM-8
4 MHz BW, 50 MHz Serial Clock
AD5546
16
1
±2
Parallel
RU-28
4 MHz BW, 20 ns WR Pulse Width
AD5545
16
2
±2
Serial
RU-16
4 MHz BW, 50 MHz Serial Clock
AD5547
16
2
±2
Parallel
RU-38
4 MHz BW, 20 ns WR Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com