Electronic Components Datasheet Search
  English  ▼

X  

AD8065 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8065
Description  Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8065 Datasheet HTML 13Page - Analog Devices AD8065 Datasheet HTML 14Page - Analog Devices AD8065 Datasheet HTML 15Page - Analog Devices AD8065 Datasheet HTML 16Page - Analog Devices AD8065 Datasheet HTML 17Page - Analog Devices AD8065 Datasheet HTML 18Page - Analog Devices AD8065 Datasheet HTML 19Page - Analog Devices AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD5429/AD5439/AD5449
Rev. 0 | Page 17 of 32
SINGLE-SUPPLY APPLICATIONS
Voltage-Switching Mode
Figure 39 shows the DACs operating in voltage-switching mode.
The reference voltage, VIN, is applied to the IOUT1 pin, IOUT2 is
connected to AGND, and the output voltage is available at the
VREF terminal. In this configuration, a positive reference voltage
results in a positive output voltage, making single-supply
operation possible. The output from the DAC is voltage at a
constant impedance (the DAC ladder resistance). Therefore, an
op amp is necessary to buffer the output voltage. The reference
input no longer sees a constant input impedance, but one that
varies with code. So, the voltage input should be driven from a
low impedance source.
Note that VIN is limited to low voltages, because the switches in
the DAC ladder no longer have the same source-drain drive
voltage. As a result, their on resistance differs and this degrades
the integral linearity of the DAC. Also, VIN must not go negative
by more than 0.3 V or an internal diode turns on, exceeding the
maximum ratings of the device. In this type of application, the
DAC’s full range of multiplying capability is lost.
POSITIVE OUTPUT VOLTAGE
The output voltage polarity is opposite to the VREF polarity for
dc reference voltages. To achieve a positive voltage output, an
applied negative reference to the input of the DAC is preferred
over the output inversion through an inverting amplifier
because of the resistor’s tolerance errors. To generate a negative
reference, the reference can be level-shifted by an op amp such
that the VOUT and GND pins of the reference become the virtual
ground and −2.5 V, respectively, as shown in Figure 40.
VOUT
VDD
GND
VIN
IOUT2
IOUT1
RFB
VDD
VREF
R2
R1
NOTES:
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 39. Single-Supply Voltage-Switching Mode
VOUT = 0V TO +2.5V
VDD = +5V
GND
IOUT2
IOUT1
RFB
VDD
VREF
C1
GND
VIN
VOUT
ADR03
+5V
–5V
1/2 AD8552
1/2 AD8552
8-/10-/12-BIT
DAC
–2.5V
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY.
2. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
Figure 40. Positive Voltage Output with Minimum Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com