Electronic Components Datasheet Search
  English  ▼

X  

IC-MSC Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-MSC
Description  SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSC Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MSC Datasheet HTML 4Page - IC-Haus GmbH IC-MSC Datasheet HTML 5Page - IC-Haus GmbH IC-MSC Datasheet HTML 6Page - IC-Haus GmbH IC-MSC Datasheet HTML 7Page - IC-Haus GmbH IC-MSC Datasheet HTML 8Page - IC-Haus GmbH IC-MSC Datasheet HTML 9Page - IC-Haus GmbH IC-MSC Datasheet HTML 10Page - IC-Haus GmbH IC-MSC Datasheet HTML 11Page - IC-Haus GmbH IC-MSC Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
prel
imin
ary
prel
imin
ary
iC-MSC SIN/COS SIGNAL CONDITIONER
WITH FAIL-SAFE 1 Vpp LINE DRIVER
Rev A2, Page 8/35
ABSOLUTE MAXIMUM RATINGS
These ratings do not imply operating conditions; functional operation is not guaranteed. Beyond these ratings device damage may occur.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
Voltage at VDD, PC, NC, PS, NS, PZ,
NZ, ACO
relative to GND
-6
6
V
G002 V()
Voltage at ERR
relative to GND
-6
8
V
G003 V()
Pin-To-Pin Voltage between VDD, GND,
PC, NC, PS, NS, PZ, NZ, ACO, ERR
6
V
G004 V()
Voltage at VDDS
no reversed polarity at VDD and GND
VDD
V
G005 V()
Voltage at GNDS relative to GND
no reversed polarity at VDD and GND
-0.3
+0.3
V
G006 V()
Voltage at X1...X6, SCL, SDA
-0.3
VDDS +
0.3
V
G007 I(VDD)
Current in VDD
-100
100
mA
G008 I()
Current in VDDS, GNDS
-50
50
mA
G009 I()
Current in X1...X6, SCL, SDA, ERR, PC,
NC, PS, NS, PZ, NZ
-20
20
mA
G010 I(ACO)
Current in ACO
-100
20
mA
G011 Vd()
ESD Susceptibility at all pins
HBM 100 pF discharged through 1.5 kΩ
2
kV
G012 Ptot
Permissible Power Dissipation
TSSOP20-TP, QFN32-5x5
400
mW
G013 Tj
Junction Temperature
-40
150
°C
G014 Ts
Storage Temperature Range
-40
150
°C
G015 V()
Voltage at VDDS
no reversed polarity at VDD and GND
VDD
V
THERMAL DATA
VDD = 4.3...5.5 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01 Ta
Operating Ambient Temperature Range iC-MSC TSSOP20-TP
-40
125
°C
iC-MSC QFN32-5x5
-40
125
°C
T02 Rthja
Thermal Resistance Chip to Ambient
TSSOP20-TP surface mounted to PCB (incl.
the thermal pad), according to JEDEC 51
35
K/W
T03 Rthja
Thermal Resistance Chip to Ambient
QFN32-5x5 surface mounted to PCB (incl. the
backside paddle), according to JEDEC 51
40
K/W
All voltages are referenced to Pin GNDS unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com