Electronic Components Datasheet Search
  English  ▼

X  

IC-MSC Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MSC
Description  SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSC Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MSC Datasheet HTML 1Page - IC-Haus GmbH IC-MSC Datasheet HTML 2Page - IC-Haus GmbH IC-MSC Datasheet HTML 3Page - IC-Haus GmbH IC-MSC Datasheet HTML 4Page - IC-Haus GmbH IC-MSC Datasheet HTML 5Page - IC-Haus GmbH IC-MSC Datasheet HTML 6Page - IC-Haus GmbH IC-MSC Datasheet HTML 7Page - IC-Haus GmbH IC-MSC Datasheet HTML 8Page - IC-Haus GmbH IC-MSC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
prel
imin
ary
prel
imin
ary
iC-MSC SIN/COS SIGNAL CONDITIONER
WITH FAIL-SAFE 1 Vpp LINE DRIVER
Rev A2, Page 3/35
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION TSSOP20-TP . . . .
4
PACKAGE DIMENSIONS : TSSOP20-TP . .
5
PIN CONFIGURATION QFN32-5x5
- PRELIMINARY - . . . . . . . . . . . . .
6
PACKAGE DIMENSIONS : QFN32-5x5
(5 mm x 5 mm) . . . . . . . . . . . . . .
7
ABSOLUTE MAXIMUM RATINGS
8
THERMAL DATA
8
ELECTRICAL CHARACTERISTICS
9
PROGRAMMING
14
REGISTER MAP
15
SERIAL I2C INTERFACE
17
EEPROM Selection . . . . . . . . . . . . . .
17
Device Startup . . . . . . . . . . . . . . . . .
17
Configuration Data Checksum . . . . . . . .
17
I2C Slave Mode (ENSL = 1) . . . . . . . . . .
18
BIAS CURRENT SOURCE AND
TEMPERATURE SENSOR
19
Bias Current Calibration . . . . . . . . . . . .
19
Temperature Sensor Calibration . . . . . . .
19
OPERATING MODES
20
Calibration Op. Modes . . . . . . . . . . . . .
20
Special Device Test Functions . . . . . . . .
20
Signal Filter . . . . . . . . . . . . . . . . . . .
20
TEST MODE
21
PGA INPUT CONFIGURATION
22
Voltage Signals . . . . . . . . . . . . . . . . .
22
Current Signals . . . . . . . . . . . . . . . . .
22
Input Reference Voltages . . . . . . . . . . .
22
Input Clamping Resistors . . . . . . . . . . .
23
Examples of Permissible Input Voltages . . .
23
SIGNAL PATH MULTIPLEXING
25
SIGNAL CONDITIONING CH1, CH2
26
Gain Settings . . . . . . . . . . . . . . . . . .
26
Offset Calibration . . . . . . . . . . . . . . . .
27
Phase Correction CH1 to CH2 . . . . . . . .
27
SIGNAL CONDITIONING CH0
28
Gain Settings CH0 . . . . . . . . . . . . . . .
28
Offset Calibration CH0 . . . . . . . . . . . . .
28
SIGNAL LEVEL CONTROL and SIGNAL
MONITORING
29
Deadband Control . . . . . . . . . . . . . . .
29
Square Control Mode . . . . . . . . . . . . .
29
Sum Control Mode . . . . . . . . . . . . . . .
30
Constant Current Source . . . . . . . . . . .
30
ERROR MONITORING AND ALARM OUTPUT
31
Alarm Output: I/O pin ERR . . . . . . . . . .
31
Excessive Temperature Warning . . . . . . .
31
Driver Shutdown . . . . . . . . . . . . . . . .
31
Error Protocol . . . . . . . . . . . . . . . . . .
32
REVERSE POLARITY PROTECTION
32
APPLICATION HINTS
33
Connecting MR sensor bridges for
safety-related applications . . . . . . . .
33
PLC Operation . . . . . . . . . . . . . . . . .
33
REVISION HISTORY
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com