Electronic Components Datasheet Search
  English  ▼

X  

IC-MSC Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-MSC
Description  SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSC Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-MSC Datasheet HTML 1Page - IC-Haus GmbH IC-MSC Datasheet HTML 2Page - IC-Haus GmbH IC-MSC Datasheet HTML 3Page - IC-Haus GmbH IC-MSC Datasheet HTML 4Page - IC-Haus GmbH IC-MSC Datasheet HTML 5Page - IC-Haus GmbH IC-MSC Datasheet HTML 6Page - IC-Haus GmbH IC-MSC Datasheet HTML 7Page - IC-Haus GmbH IC-MSC Datasheet HTML 8Page - IC-Haus GmbH IC-MSC Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
prel
imin
ary
prel
imin
ary
iC-MSC SIN/COS SIGNAL CONDITIONER
WITH FAIL-SAFE 1 Vpp LINE DRIVER
Rev A2, Page 2/35
DESCRIPTION
iC-MSC is a signal conditioner with line drivers for
sine/cosine sensors which are used to determine po-
sitions in linear and angular encoders, for example.
Programmable instrumentation amplifiers with se-
lectable gain levels allow differential or single-ended,
referenced input signals; an external reference volt-
age can be connected to input X2 then operated as a
reference input.
The modes of operation differentiate between high
impedance (V-Modes) and low impedance (I-Modes).
This adaptation of the iC to voltage or current signals
enables MR sensor bridges or photosensors to be
directly connected to the device.
The integrated signal conditioning unit allows signal
amplitudes and offset voltages to be calibrated ac-
curately and any phase error between the sine and
cosine signals to be corrected. The channel for the
index signal can be configured separately. The in-
dex signal is then output either as an analog or a
differential square-wave signal (with low/high levels
analogous to the sine/cosine amplitude).
A control signal is generated from the conditioned sig-
nals which can track the transmitting LED of optical
encoders via the integrated 50 mA driver stage (output
ACO). If MR sensors are connected this driver stage
can also track the power supply of the measuring
bridges.
By tracking the sensor’s energy supply any tempera-
ture and aging effects are compensated for, the input
signals stabilized and the exact calibration of the in-
put signals is maintained. This enables a constantly
accurate signal for the subsequent device, a PLC or
motion controller, across the entire operating temper-
ature range.
If control limits are reached, these can be indicated
at the maskable error pin ERR. Faults such as sig-
nal loss due to wire breakage, short circuiting, dirt or
aging, for example, can be detected and indicated.
iC-MSC includes system diagnosis functions which
check whether the sensor is working properly or not.
For all error events the user can select whether the
fault is indicated at the pin ERR or whether the out-
puts should shutdown. At the same time errors can be
stored in the EEPROM to enable failures to be diag-
nosed at a later stage. For encoder applications the
sensor signal regarding signal level and the operating
temperature can be monitored, for example, the latter
using an adjustable on-chip sensor.
Display error pin ERR is bidirectional; a system fault
recognized externally could also be used to shutdown
the outputs.
iC-MSC is protected against reverse polarity and of-
fers its monitored supply voltage to the external circuit,
thus extending the protection to the system (for load
currents up to 20 mA). Reverse polarity protection also
covers the short-circuit-proof output drivers so that an
unintentional faulty wiring during initial operation is
tolerated.
On being activated the device configuration is loaded
via the serial I2C interface from an external EEPROM
and verified with a CRC. A microcontroller can also
configure iC-MSC; the implemented interface is mul-
timaster-capable and allows direct RAM access to
configuration data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com