Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1507 Datasheet HTML 3Page - Diodes Incorporated AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated AP1507 Datasheet HTML 10Page - Diodes Incorporated AP1507 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP1507
Typical Characteristics
-50 -30 -10 10
30 50
70
90
130
110
150
TEMPERATURE (°C)
Efficiency vs. Temperature
83
82
81
80
79
78
74
73
72
77
76
75
V
= 12V
V
= 5V
I = 3A
IN
OUT
O
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Efficiency vs. Temperature
78
77
76
75
72
71
70
74
73
V
= 12V
V
= 3.3V
I = 3A
IN
OUT
O
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Saturation Voltage vs. Temperature
1.6
1.5
1.4
1.3
1.2
0.9
0.8
0.7
1.1
1
3A
2A
1A
0.5A
V
= 12V
V
= 0V
V
= 0V
CC
FB
SD
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Switch Current Limit vs. Temperature
1.6
1.4
1.2
0.9
0.7
1.1
V
= 12V
V
= 0V
CC
FB
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Supply Current vs. Temperature
15
14
13
12
11
07
06
05
09
08
10
V
= 12V
No Load
V
= 0V
Switch ON
CC
ON
-50 -30 -10 10
30 50
70 90
130
110
150
TEMPERATURE (°C)
Supply Current vs. Temperature
60
55
50
35
30
40
45
V
= 12V
No Load
V
= 5V
Switch OFF
CC
OFF
AP1507
Document number: DS31067 Rev. 4 - 2
15 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com