Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated AP1507 Datasheet HTML 10Page - Diodes Incorporated AP1507 Datasheet HTML 11Page - Diodes Incorporated AP1507 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AP1507
Ordering Information
Device
Voltage
(V)
Package
Code
Package
(Note 6)
Lead
Free/Green Quantity
Part Number Suffix
Status
(Note 5)
Alternative
Tube
13” Tape
and Reel
AP1507-12D5-13
12
K5
TO252-5
Green
800
NA
-13
End of Life
None
AP1507-33D5-13
3.3
K5
TO252-5
Green
800
NA
-13
End of Life
None
AP1507-50D5-13
5.0
K5
TO252-5
Green
800
NA
-13
In production
—
AP1507-D5-13
ADJ
K5
TO252-5
Green
800
NA
-13
In production
—
Notes:
5. All lead-free versions in TO252-5 are End of Life (EOL) with limited replacement.
All green versions with 12 V / 3.3 V output voltage are End of Life (EOL) without any alternative.
6. For packaging details, go to our website at: http://www.diodes.com/package-outlines.html.
Marking Information
(1) TO252-5
AP1507
Document number: DS31067 Rev. 4 - 2
18 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com