Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1507 Datasheet HTML 1Page - Diodes Incorporated AP1507 Datasheet HTML 2Page - Diodes Incorporated AP1507 Datasheet HTML 3Page - Diodes Incorporated AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1507
150kHz, 3A PWM BUCK DC/DC CONVERTER
Description
The AP1507 is a monolithic IC designed for a step-down DC/DC
converter and is capable of driving a 3A load without an external
transistor. Due to reducing the number of external components, the
board space can be saved easily.
The external shutdown function can be controlled by logic level and
then go into standby mode. The internal compensation makes the
feedback control have good line and load regulation without an
external design. Regarding the protected function, the thermal
shutdown prevents overtemperature operation from damaging the
device, and current limit protects against overcurrent operation of the
output switch. If the current limit function occurs, and VFB is down to
0.5V below, the switching frequency reduces.
The AP1507 series operates at a switching frequency of 150kHz,
which allows smaller-sized filter components than the requirements
with lower frequency switching regulators.
Other features include a guaranteed +4% tolerance on output voltage
under specified input voltage and output load conditions and +15%
on the oscillator frequency. The output version included a fixed 3.3V,
5V, 12V, and an adjustable type.
AP1507 is available in a 5-lead TO-252 green package.
Features
•
Output Voltage: 3.3V, 5V, 12V and Adjustable Output Version
•
Adjustable Version Output Voltage Range, 1.23V to 18V +4%
•
150kHz +15% Fixed Switching Frequency
•
Voltage Mode Non-Synchronous PWM Control
•
Thermal-Shutdown and Current-Limit Protection
•
ON/OFF Shutdown Control Input
•
Operating Voltage up to 22V
•
Output Load Current: 3A
•
Low Power Standby Mode
•
Built-in Switching Transistor On Chip
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
TO252-5L
5 SD
4 FB
3 GND
2 Output
Metal Tab GND
1 VIN
Applications
•
Simple High-Efficiency Step-Down Regulator
•
On-Card Switching Regulators
•
Positive to Negative Converter
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3.Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
AP1507
Document number: DS31067 Rev. 4 - 2
9 of 12
www.diodes.com
October 2018
© Diodes Incorporated


Similar Part No. - AP1507

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1507 DIODES-AP1507 Datasheet
185Kb / 11P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 2
logo
Anachip Corp
AP1507-12D5 ANACHIP-AP1507-12D5 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
AP1507-12D5A ANACHIP-AP1507-12D5A Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
More results

Similar Description - AP1507

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
3A PWM BUCK DC/DC CONVERTER
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com