Electronic Components Datasheet Search
  English  ▼

X  

AP1507 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP1507
Description  3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP1507 Datasheet HTML 4Page - Diodes Incorporated AP1507 Datasheet HTML 5Page - Diodes Incorporated AP1507 Datasheet HTML 6Page - Diodes Incorporated AP1507 Datasheet HTML 7Page - Diodes Incorporated AP1507 Datasheet HTML 8Page - Diodes Incorporated AP1507 Datasheet HTML 9Page - Diodes Incorporated AP1507 Datasheet HTML 10Page - Diodes Incorporated AP1507 Datasheet HTML 11Page - Diodes Incorporated AP1507 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AP1507
Package Outline Dimensions (All Dimensions in mm)
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO252-5
TO252-5
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.51
0.71
0.583
b2
0.61
0.79
0.70
b3
5.21
5.46
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
—
—
e
—
—
1.27
E
6.45
6.70
6.58
E1
4.32
—
—
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
a
0°
10°
—
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TO252-5
Dimensions
Value
(in mm)
C
1.27
X
1.00
X1
5.73
Y
2.00
Y1
6.17
Y2
1.64
Y3
2.66
b3
E
L3
D
b2
b
e
c2
A
7°±1°
H
SEATING PLANE
A1
GAUGE PLANE
a
0.508
L
2.74REF
D1
A2
E1
X1
Y1
X
Y
Y3
Y2
C
AP1507
Document number: DS31067 Rev. 4 - 2
19 of 12
www.diodes.com
October 2018
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com